Electronic Components Datasheet Search
  English  ▼

X  

TLV752 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV752
Description  TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV752 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV752 Datasheet HTML 5Page - Texas Instruments TLV752 Datasheet HTML 6Page - Texas Instruments TLV752 Datasheet HTML 7Page - Texas Instruments TLV752 Datasheet HTML 8Page - Texas Instruments TLV752 Datasheet HTML 9Page - Texas Instruments TLV752 Datasheet HTML 10Page - Texas Instruments TLV752 Datasheet HTML 11Page - Texas Instruments TLV752 Datasheet HTML 12Page - Texas Instruments TLV752 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Time (us)
0
200
400
600
800
1,000
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vout
Vin
Time (us)
0
200
400
600
800
1,000
-1
0
1
2
3
4
5
Vout
Venable
Vin
Time (us)
0
50
100
150
200
250
300
350
400
450
500
-0.5
-560
0
-480
0.5
-400
1
-320
1.5
-240
2
-160
2.5
-80
3
0
3.5
80
4
160
4.5
240
Iout
Vout
Time (us)
0
60
120
180
240
300
360
420
480
540
600
-0.5
-560
0
-480
0.5
-400
1
-320
1.5
-240
2
-160
2.5
-80
3
0
3.5
80
4
160
4.5
240
Iout
Vout
Time (ms)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
3
-160
3.5
-140
4
-120
4.5
-100
5
-80
5.5
-60
6
-40
6.5
-20
7
0
7.5
20
8
40
8.5
60
9
80
9.5
100
10
120
Vin
Vout
Time (us)
0
50
100
150
200
250
300
350
400
450
500
-0.5
-300
0
-250
0.5
-200
1
-150
1.5
-100
2
-50
2.5
0
3
50
3.5
100
4
150
4.5
200
Iout
Vout
9
TLV752
www.ti.com
SBVS383 – DECEMBER 2019
Product Folder Links: TLV752
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and
CIN = COUT = 1 μF (unless otherwise noted)
VOUT = 3.3 V, IOUT = 1 mA, VIN slew rate = 1 V/µs
Figure 19. 3.3-V Line Transient
VOUT = 0.55 V, VIN = 2 V, IOUT slew rate = 1 A/µs
Figure 20. 1-mA to 1-A Load Transient (0.55 V)
VOUT = 5 V, VIN = 5.5 V, IOUT slew rate = 1 A/µs
Figure 21. 1-mA to 1-A Load Transient (5 V)
VOUT = 3.3 V, VIN = 3.8 V, IOUT slew rate = 1 A/µs
Figure 22. 1-mA to 1-A Load Transient (3.3 V)
VIN = 3.8 V, VOUT = 3.3 V, IOUT = 1 mA
Figure 23. VIN Power-Up
VIN = 3.8 V, VOUT = 3.3 V, IOUT = 1 mA
Figure 24. Startup With EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com