Electronic Components Datasheet Search
  English  ▼

X  

3000585 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3000585
Description  Plug-in bridge - FBSR 4-8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3000585 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3000585 Datasheet HTML 1Page - PHOENIX CONTACT 3000585 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/3000585
09/08/2016   Page 1 / 2
Plug-in bridge - FBSR 4-8 - 3000585
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug-in bridge, Pitch: 8.2 mm, Number of positions: 4, Color: red
Figure shows FBSR 2-5 version
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
10 STK
Custom tariff number
85389099
Country of origin
China
Technical data
Environmental Product Compliance
China RoHS
No hazardous substances above threshold values
Technical data
Color
red
Number of positions
4
Pitch
8.2 mm
Maximum load current
32 A (The current values for the jumpers can deviate when used in
different modular terminal blocks. The precise values can be found in the
accessories data for the respective modular terminal blocks.)
Classifications
eCl@ss
eCl@ss 4.0
27141199
eCl@ss 4.1
27141199


Similar Part No. - 3000585

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3000587 PHOENIX-3000587 Datasheet
46Kb / 2P
Switching jumper - SB-MER 2-8
3000588 PHOENIX-3000588 Datasheet
46Kb / 2P
Switching jumper - SB-MER 3-8
3000589 PHOENIX-3000589 Datasheet
46Kb / 2P
Switching jumper - SB-MER 4-8
More results

Similar Description - 3000585

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001596 PHOENIX-3001596 Datasheet
56Kb / 2P
Plug-in bridge - FBSR 5-6
3001599 PHOENIX-3001599 Datasheet
48Kb / 2P
Plug-in bridge - FBSR 10-8
3033715 PHOENIX-3033715 Datasheet
56Kb / 2P
Plug-in bridge - FBSR 2-6
3033808 PHOENIX-3033808 Datasheet
45Kb / 2P
Plug-in bridge - FBSR 2-8
3033816 PHOENIX-3033816 Datasheet
43Kb / 2P
Plug-in bridge - FBSR 16-8
3033820 PHOENIX-3033820 Datasheet
43Kb / 2P
Plug-in bridge - FBSR 1/6/11/16-8
3033821 PHOENIX-3033821 Datasheet
43Kb / 2P
Plug-in bridge - FBSR 1/7/13/16-8
3033822 PHOENIX-3033822 Datasheet
43Kb / 2P
Plug-in bridge - FBSR 1/6/11/14-8
3033716 PHOENIX-3033716 Datasheet
62Kb / 3P
Plug-in bridge - FBSR 10-6
09/12/2020
3033809 PHOENIX-3033809 Datasheet
60Kb / 3P
Plug-in bridge - FBSR 5-8
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com