Electronic Components Datasheet Search
  English  ▼

X  

TMP63 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP63
Description  TMP63 100-k廓 Linear Thermistor With 0402 Package Option
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP63 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP63 Datasheet HTML 4Page - Texas Instruments TMP63 Datasheet HTML 5Page - Texas Instruments TMP63 Datasheet HTML 6Page - Texas Instruments TMP63 Datasheet HTML 7Page - Texas Instruments TMP63 Datasheet HTML 8Page - Texas Instruments TMP63 Datasheet HTML 9Page - Texas Instruments TMP63 Datasheet HTML 10Page - Texas Instruments TMP63 Datasheet HTML 11Page - Texas Instruments TMP63 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
RBias
VBias
VTemp
RTMP63
VTemp
RTMP63
IBias
8
TMP63
SNIS211A – OCTOBER 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP63 series of silicon linear thermistors has a linear positive temperature coefficient (PTC) that results in a
uniform and consistent temperature coefficient resistance (TCR) across a wide operating temperature range. To
fabricate the TMP63, a special silicon process is used where the devices key characteristics—the temperature
coefficient resistance (TCR) and nominal resistance (R25)—are controlled by the doping level and active region
area. Note that the TMP63 has an active area and a substrate due to the polarized terminals of the device. The
positive terminal should be connected to the highest potential, while the negative terminal should be connected
to the lowest potential.
The TMP63 is different from a NTC, where a NTC is a purely resistive device, the TMP63's resistance is affected
by the current across the part and will change with temperature. In a voltage divider circuit, it is recommended
that the top resistor is kept at 100 kΩ. Changing the top resistor or the VBIAS will change the resistance vs
temperature table (R-T table) of the TMP63, and subsequently the polynomials as described in Design
Requirements. Consult the TMP63 R-T table section for more information.
Equation 1 can help the user approximate the TCR.
TCR (ppm/°C) = (RT2 – RT1) / ((T2 – T1) × R(T2+T1)/2)
(1)
Below are the definitions of the key terms used throughout this document:
•
ISns: Current flowing through the TMP63.
•
VSns: Voltage across the two TMP63 terminals.
•
IBIAS: Current supplied by the biasing circuit.
•
VBIAS: Voltage supplied by the biasing circuit.
•
VTEMP: Output voltage that corresponds to the measured temperature. Note that this is different from VSns. In
the use case of a voltage divider circuit with the TMP63 in the high side, VTEMP is taken across RBIAS.
7.2 Functional Block Diagram
Figure 10. Typical Implementation Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com