Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP390
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP390 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 9Page - Texas Instruments TMP390 Datasheet HTML 10Page - Texas Instruments TMP390 Datasheet HTML 11Page - Texas Instruments TMP390 Datasheet HTML 12Page - Texas Instruments TMP390 Datasheet HTML 13Page - Texas Instruments TMP390 Datasheet HTML 14Page - Texas Instruments TMP390 Datasheet HTML 15Page - Texas Instruments TMP390 Datasheet HTML 16Page - Texas Instruments TMP390 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TMP392
VDD
SETA
SETB
OUTA
OUTB
GND
Microprocessor
VCC
GND
78.7 kŸ
249 kŸ
10 kŸ
10 kŸ
0.1 µF
3.3 V
VDD = 3.0 V
Channel A Trip Temp = +90°C
and Hysteresis = 10°C
Channel B Trip Temp = 60°C
and Hysteresis = 10°C
13
TMP392
www.ti.com
SNIS216 – NOVEMBER 2019
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2 TMP392 With 10°C Hysteresis
Figure 11 shows an example circuit for dual overtemperature protection using the TMP392. In this example, the
trip points are set at +60°C and +90°C with 10°C hysteresis. This circuit is useful in cases where a lower
overtemperature detection may be used to warn the application of rising system temperature and take software
corrective actions such as lowering the performance, while the higher overtemperature detection may be used to
start a fan to cool the system to a lower temperature.
Figure 11. TMP392 Example Circuit at +90°C and +60°C Thresholds With 10°C Hysteresis
8.2.2.1 Design Requirements
In this example, VDD can be
≥ 3 V. The output pins may be tied to a switch to control a fan or other analog
circuitry. Figure 11 uses 10-kΩ pullup resistors at the OUTA and OUTB outputs. Place a 0.1-µF bypass capacitor
close to the TMP392 device to reduce noise coupled from the power supply. If needed, the output of multiple
parts can be connected together.
8.2.2.2 Detailed Design Procedure
SETA sets the +90°C threshold using 78.7 kΩ. SETB sets the +60°C trip point and 10°C hysteresis using 249
kΩ. These values were determined using Table 1 and Table 2. These resistors should have maximum of 1%
tolerance at room temperature and 100 ppm/°C or less over the desired temperature range. A summary of the
resistor settings used in this example is shown in Table 3. See Table 1 and Table 2 for additional trip points and
hysteresis configurations.
The switching output of the TMP392 can be visualized with the output diagram shown in Figure 12. It is key to
notice that hysteresis is subtracted from both Channel A and Channel B threshold values. OUTA remains high
until the sensor reaches +90°C where the output goes low, and returns high after the temperature drops back
down to +80°C. OUTB remains high until the sensor reaches +60°C where the output goes low, and returns high
after the temperature drops back down to +50°C.
Table 3. Example Resistor Settings and Trip Points
CHANNEL
RESISTOR SETTING (kΩ)
HYSTERESIS (°C)
TRIP TEMPERATURE (°C)
SETA
78.7
10
+90
SETB
249
+60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com