Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 13Page - Texas Instruments TMP451 Datasheet HTML 14Page - Texas Instruments TMP451 Datasheet HTML 15Page - Texas Instruments TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments TMP451 Datasheet HTML 18Page - Texas Instruments TMP451 Datasheet HTML 19Page - Texas Instruments TMP451 Datasheet HTML 20Page - Texas Instruments TMP451 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Local and Remote Temperature Registers
I/O
Control
Interface
Pointer Register
Configuration Register
Status Register
Local and Remote Temperature Limit Registers
Conversion Rate Register
Remote Temperature Offset Registers
One-Shot Start Register
Local and Remote THERM Limit Registers
THERM Hysteresis Register
N-factor Correction Register
Consecutive ALERT Register
Digital Filter Register
Manufacturer ID Register
SDA
SCL
17
TMP451-Q1
www.ti.com
SLOS877B – OCTOBER 2014 – REVISED JUNE 2019
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7.6.1 Register Information
The TMP451-Q1 device contains multiple registers for holding configuration information, temperature
measurement results, and status information. These registers are described in Figure 17 and Table 4.
7.6.1.1 Pointer Register
Figure 17 shows the internal register structure of the TMP451-Q1 device. The 8-bit pointer register is used to
address a given data register. The pointer register identifies which of the data registers should respond to a read
or write command on the two-wire bus. This register is set with every write command. A write command must be
issued to set the proper value in the pointer register before executing a read command. Table 4 describes the
pointer register and the internal structure of the TMP451-Q1 registers. The power-on reset (POR) value of the
pointer register is 00h (0000 0000b).
Figure 17. Internal Register Structure
7.6.1.2 Temperature Registers
The TMP451-Q1 device has multiple 8-bit registers that hold temperature measurement results. The eight most
significant bits (MSBs) of the local temperature sensor result are stored in register 00h, while the four least
significant bits (LSBs) are stored in register 15h (the four MSBs of register 15h). The eight MSBs of the remote
temperature sensor result are stored in register 01h, and the four LSBs are stored in register 10h (the four MSBs
of register 10h). The four LSBs of both the local sensor and the remote sensor indicate the temperature value
after the decimal point (for example, if the temperature result is 10.0625
˚C, the high byte is 0000 1010 and the
low byte is 0001 0000). These registers are read-only and are updated by the ADC each time a temperature
measurement is completed.
When the full temperature value is needed, reading the MSB value first causes the LSB value to be locked (the
ADC does not write to it) until it is read. The same thing happens upon reading the LSB value first (the MSB
value is locked until it is read). This mechanism assures that both bytes of the read operation are from the same
ADC conversion. This assurance remains valid only until another register is read. For proper operation, read the
high byte of the temperature result first. Read the low byte register in the next read command; if the LSBs are not
needed, the register may be left unread. The power-on reset value of all temperature registers is 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com