Electronic Components Datasheet Search
  English  ▼

X  

145102 Datasheet(PDF) 1 Page - Adels-Contact

Part # 145102
Description  AC 162 STS/ 2 LED grey
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

145102 Datasheet(HTML) 1 Page - Adels-Contact

  145102 Datasheet HTML 1Page - Adels-Contact 145102 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30/12/2019
Connectors System AC 162
LED Plug Connectors
AC 162 STS/ 2 LED grey
Plug und Socket, 2 pole, Voltage Rating: 150 V, Current Rating: 15 A,
Connection Type: Screw
Order Info
Reference Number (ref. no.)
145102
Applications
Lighting, Installation
PU
200
EAN
4028012106738
Type
Type
Plug und Socket
Number of poles
2 pole
Clamping Units per Pole
1
Colour
grey
Connection Type
Screw
Protection Against Incorrect Plugging
yes
Latch
yes
Technical Data
Voltage Rating
150 V
Current Rating
15 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
70 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0 mm
Assembly Contact Screw
0.5x3.0 / 0.3 Nm
Accessories
XYFAZ 2x0,5 red black 100m Spule
6099X0


Similar Part No. - 145102

ManufacturerPart #DatasheetDescription
logo
Heyco.
14510 HEYCO-14510 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 145102

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
140152 ADELS-140152 Datasheet
118Kb / 2P
AC 162 STS/ 2 white
30/12/2019
140162 ADELS-140162 Datasheet
119Kb / 2P
AC 162 STS/ 2 black
30/12/2019
149902A5 ADELS-149902A5 Datasheet
121Kb / 1P
AC 162 VT/ 3-1 LED
30/12/2019
149902A6 ADELS-149902A6 Datasheet
147Kb / 1P
AC 162 VT/ 4-1 LED
30/12/2019
14135212 ADELS-14135212 Datasheet
116Kb / 1P
AC 162 ALC 120 white
30/12/2019
14330203 ADELS-14330203 Datasheet
117Kb / 1P
AC 162 ALS LED Typ I 035 grey
30/12/2019
14330212 ADELS-14330212 Datasheet
117Kb / 1P
AC 162 ALS LED Typ I 120 grey
30/12/2019
14430203 ADELS-14430203 Datasheet
117Kb / 1P
AC 162 ALS LED Typ II 035 grey
30/12/2019
14430212 ADELS-14430212 Datasheet
117Kb / 1P
AC 162 ALS LED Typ II 120 grey
30/12/2019
14830212 ADELS-14830212 Datasheet
119Kb / 1P
AC 162 VLS LED 120 grey
30/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com