Electronic Components Datasheet Search
  English  ▼

X  

LTS-3406LP Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTS-3406LP
Description  The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-3406LP Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTS-3406LP Datasheet HTML 1Page - Lite-On Technology Corporation LTS-3406LP Datasheet HTML 2Page - Lite-On Technology Corporation LTS-3406LP Datasheet HTML 3Page - Lite-On Technology Corporation LTS-3406LP Datasheet HTML 4Page - Lite-On Technology Corporation LTS-3406LP Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LITE-ON ELECTRONICS, INC.
Property of Lite-On Only
PART NO.: LTS-3406LP
PAGE:
1 of 5
BNS-OD-C131/A4
FEATURES
*0.8 inch (20.32 mm) DIGIT HEIGHT.
*CONTINUOUS UNIFORM SEGMENTS.
*LOW POWER REQUIREMENT.
*EXCELLENT CHARACTERS APPEARANCE.
*HIGH BRIGHTNESS & HIGH CONTRAST.
*WIDE VIEWING ANGLE.
*SOLID STATE RELIABILITY.
*CATEGORIZED FOR LUMINOUS INTENSITY.
DESCRIPTION
The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single
digit seven-segment display. This device utilizes bright red LED
chips, which are made from GaP on a transparent GaP substrate,
and has a gray face and white segments.
DEVICE
PART NO.
DESCRIPTION
Red Orange
LTS-3406LP
Universal,
± 1 Overflow
Rt. & Lt. Hand Decimal


Similar Part No. - LTS-3406LP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-3406LP LITEON-LTS-3406LP Datasheet
1Mb / 8P
0.8 SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - LTS-3406LP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-3401LE LITEON-LTS-3401LE Datasheet
129Kb / 5P
The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3401LG LITEON-LTS-3401LG Datasheet
129Kb / 5P
The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3401LP LITEON-LTS-3401LP Datasheet
129Kb / 5P
The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3401LY LITEON-LTS-3401LY Datasheet
132Kb / 5P
The LTS-3401LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3403LE LITEON-LTS-3403LE Datasheet
116Kb / 5P
The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3403LG LITEON-LTS-3403LG Datasheet
130Kb / 5P
The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3403LP LITEON-LTS-3403LP Datasheet
130Kb / 5P
The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3403LY LITEON-LTS-3403LY Datasheet
132Kb / 5P
The LTS-3403LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3406LE LITEON-LTS-3406LE Datasheet
128Kb / 5P
The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3406LG LITEON-LTS-3406LG Datasheet
128Kb / 5P
The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com