Electronic Components Datasheet Search
  English  ▼

X  

722014S3 Datasheet(PDF) 1 Page - Adels-Contact

Part # 722014S3
Description  AC 169 RST/ 4-3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

722014S3 Datasheet(HTML) 1 Page - Adels-Contact

  722014S3 Datasheet HTML 1Page - Adels-Contact 722014S3 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30/12/2019
Circular Plug Connectors IP68
Circular Plug Connectors AC 169 kompakt
AC 169 RST/ 4-3
Plug, 3 pole, Voltage Rating: 450 V, Current Rating: 17.5 A, Cross-
Section: 1.5 mm²
Order Info
Reference Number (ref. no.)
722014S3
Applications
Lighting, Installation
PU
200
EAN
4028012131884
Type
Type
Plug
Number of poles
3 pole
Clamping Units per Pole
1
Colour
black
Cross-Section
1.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
450 V
Current Rating
17.5 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.75 mm²
Core Cross-Section max.
2.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
IP Code
IP68
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0 mm
Dismantling Length PE
25.0 mm
Dismantling Length
30.0 mm


Similar Part No. - 722014S3

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
722014S2 ADELS-722014S2 Datasheet
124Kb / 2P
AC 169 RST/ 4-2
30/12/2019
More results

Similar Description - 722014S3

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
722014 ADELS-722014 Datasheet
124Kb / 2P
AC 169 RST/ 4
30/12/2019
722014S2 ADELS-722014S2 Datasheet
124Kb / 2P
AC 169 RST/ 4-2
30/12/2019
722014WS ADELS-722014WS Datasheet
114Kb / 2P
AC 169 RST/ 4 LWD
30/12/2019
722015D3 ADELS-722015D3 Datasheet
130Kb / 2P
AC 169 RST/ 5
30/12/2019
725014S3 ADELS-725014S3 Datasheet
124Kb / 2P
AC 169 RBU/ 4-3
30/12/2019
728714S3 ADELS-728714S3 Datasheet
128Kb / 2P
AC 169 REST/ 4-3 M20
30/12/2019
728764S3 ADELS-728764S3 Datasheet
132Kb / 2P
AC 169 REST/ 4-3 M25
30/12/2019
728864S3 ADELS-728864S3 Datasheet
126Kb / 2P
AC 169 REBU/ 4-3 M25
30/12/2019
792015D3 ADELS-792015D3 Datasheet
114Kb / 2P
AC 169 RST/ 5 DALI blue
30/12/2019
72206316 ADELS-72206316 Datasheet
135Kb / 1P
AC 167 RST/ 3
30/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com