Electronic Components Datasheet Search
  English  ▼

X  

HT36A4 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT36A4
Description  8-Bit Music Synthesizer MCU
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A4 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT36A4 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
HT36A4
Rev. 1.00
9
July 2, 2003
Interrupt
The HT36A4 provides two internal Timer Counter inter-
rupts on each bank. The Interrupt Control register
(INTC;0BH) contains the interrupt control bits that sets
the enable/disable and the interrupt request flags.
Once an interrupt subroutine is serviced, all other inter-
rupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval but only
the interrupt request flag is recorded. If a certain inter-
rupt needs servicing within the service routine, the pro-
grammer may set the EMI bit and the corresponding bit
of the INTC to allow interrupt nesting. If the stack is full,
the interrupt request will not be acknowledged, even if
the related interrupt is enabled, until the SP is decre-
mented. If immediate service is desired, the stack must
be prevented from becoming full.
All these kinds of interrupt have a wake-up capability. As
an interrupt is serviced, a control transfer occurs by push-
ing the program counter onto the stack and then branch-
ing to subroutines at specified locations in the program
memory. Only the program counter is pushed onto the
stack. If the contents of the register and Status register
(STATUS) are altered by the interrupt service program
which may corrupt the desired control sequence, then the
programmer must save the contents first.
The internal Timer Counter 0 interrupt is initialized by set-
ting the Timer Counter 0 interrupt request flag (T0F; bit 5
of INTC), caused by a Timer Counter 0 overflow. When
the interrupt is enabled, and the stack is not full and the
T0F bit is set, a subroutine call to location 08H will occur.
The related interrupt request flag (T0F) will be reset and
the EMI bit cleared to disable further interrupts.
The Timer Counter 1 interrupt is operated in the same
manner as Timer Counter 0. The related interrupt con-
trol bits ET1I and T1F of the Timer Counter 1 are bit 3
and bit 6 of the INTC respectively.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the RETI in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine, the RET or RETI in-
struction may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET will not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the priorities in the following table apply. These can be
masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
Timer Counter 0 overflow
1
08H
Timer Counter 1 overflow
2
0CH
The Timer Counter 0/1 interrupt request flag (T0F/T1F),
Enable Timer Counter 0/1 bit (ET0I/ET1I), Enable Mas-
ter Interrupt bit (EMI) constitute an interrupt control reg-
ister (INTC) which is located at 0BH in the data memory.
EMI, ET0I, ET1I are used to control the enabling/dis-
abling of interrupts. These bits prevent the requested in-
terrupt from being serviced. Once the interrupt request
flags (T0F, T1F) are set, they will remain in the INTC
register until the interrupts are serviced or cleared by a
software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Be-
cause interrupts often occur in an unpredictable manner
or need to be serviced immediately in some applica-
tions, if only one stack is left and enabling the interrupt is
not well controlled, once the
²CALL subroutine² operates
in the interrupt subroutine, it may damage the original
control sequence.
Labels
Bits
Function
C0
C is set if an operation results in a carry during an addition operation or if a borrow does not take
place during a subtraction operation; otherwise C is cleared. Also it is affected by a rotate
through carry instruction.
AC
1
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow from the
high nibble into the low nibble in subtraction; otherwise AC is cleared.
Z
2
Z is set if the result of an arithmetic or logical operation is zero; otherwise Z is cleared.
OV
3
OV is set if an operation results in a carry into the highest-order bit but not a carry out of the high-
est-order bit, or vice versa; otherwise OV is cleared.
PD
4
PD is cleared by either a system power-up or executing the CLR WDT instruction. PD is set by
executing the HALT instruction.
TO
5
TO is cleared by a system power-up or executing the CLR WDT or HALT instruction. TO is set by
a WDT time-out.
¾
6~7
Unused bit, read as
²0²
Status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com