Electronic Components Datasheet Search
  English  ▼

X  

722015D3 Datasheet(PDF) 1 Page - Adels-Contact

Part # 722015D3
Description  AC 169 RST/ 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

722015D3 Datasheet(HTML) 1 Page - Adels-Contact

  722015D3 Datasheet HTML 1Page - Adels-Contact 722015D3 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30/12/2019
Circular Plug Connectors IP68
Circular Plug Connectors AC 169 kompakt
AC 169 RST/ 5
Plug, 5 pole, Voltage Rating: 450 V, Current Rating: 17.5 A, Cross-
Section: 1.5 mm²
Order Info
Reference Number (ref. no.)
722015D3
Applications
Lighting, Installation
PU
200
EAN
4028012130306
Type
Type
Plug
Number of poles
5 pole
Clamping Units per Pole
1
Colour
black
Cross-Section
1.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
450 V
Current Rating
17.5 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.75 mm²
Core Cross-Section max.
2.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
IP Code
IP68
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0 mm
Dismantling Length PE
30.0 mm
Dismantling Length
25.0 mm


Similar Part No. - 722015D3

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
722014 ADELS-722014 Datasheet
124Kb / 2P
AC 169 RST/ 4
30/12/2019
722014S2 ADELS-722014S2 Datasheet
124Kb / 2P
AC 169 RST/ 4-2
30/12/2019
722014S3 ADELS-722014S3 Datasheet
124Kb / 2P
AC 169 RST/ 4-3
30/12/2019
722014WS ADELS-722014WS Datasheet
114Kb / 2P
AC 169 RST/ 4 LWD
30/12/2019
logo
Integrated Device Techn...
72201L10JG IDT-72201L10JG Datasheet
291Kb / 14P
CMOS SyncFIFO
More results

Similar Description - 722015D3

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
722014 ADELS-722014 Datasheet
124Kb / 2P
AC 169 RST/ 4
30/12/2019
722014S2 ADELS-722014S2 Datasheet
124Kb / 2P
AC 169 RST/ 4-2
30/12/2019
722014S3 ADELS-722014S3 Datasheet
124Kb / 2P
AC 169 RST/ 4-3
30/12/2019
722014WS ADELS-722014WS Datasheet
114Kb / 2P
AC 169 RST/ 4 LWD
30/12/2019
725015D3 ADELS-725015D3 Datasheet
124Kb / 2P
AC 169 RBU/ 5
30/12/2019
728715D3 ADELS-728715D3 Datasheet
124Kb / 2P
AC 169 REST/ 5 M20
30/12/2019
728765D3 ADELS-728765D3 Datasheet
125Kb / 2P
AC 169 REST/ 5 M25
30/12/2019
728815D3 ADELS-728815D3 Datasheet
125Kb / 2P
AC 169 REBU/ 5 M20
30/12/2019
749965 ADELS-749965 Datasheet
109Kb / 1P
AC 169 RWZ/ 5
30/12/2019
792015D3 ADELS-792015D3 Datasheet
114Kb / 2P
AC 169 RST/ 5 DALI blue
30/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com