Electronic Components Datasheet Search
  English  ▼

X  

728764WS Datasheet(PDF) 1 Page - Adels-Contact

Part # 728764WS
Description  AC 169 REST/ 4 M25 LWD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

728764WS Datasheet(HTML) 1 Page - Adels-Contact

  728764WS Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30/12/2019
Circular Plug Connectors IP68
Circular Plug Connectors AC 169 kompakt
AC 169 REST/ 4 M25 LWD
Panel Mount Plug längswasserdicht, 4 pole, Voltage Rating: 450 V, Current Rating: 17.5 A, Cross-
Section: 1.5 mm²
Order Info
Reference Number (ref. no.)
728764WS
PU
200
Type
Type
Panel Mount Plug längswasserdicht
Number of poles
4 pole
Clamping Units per Pole
1
Colour
black
Cross-Section
1.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
450 V
Current Rating
17.5 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.75 mm²
Core Cross-Section max.
2.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
IP Code
IP68
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0 mm
Dismantling Length
20.0 mm
Assembly Contact Screw
0.5x3.0 / 0.5 Nm
Housing Hole Diameter
M25


Similar Part No. - 728764WS

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
728764 ADELS-728764 Datasheet
131Kb / 2P
AC 169 REST/ 4 M25
30/12/2019
728764S2 ADELS-728764S2 Datasheet
132Kb / 2P
AC 169 REST/ 4-2 M25
30/12/2019
728764S3 ADELS-728764S3 Datasheet
132Kb / 2P
AC 169 REST/ 4-3 M25
30/12/2019
More results

Similar Description - 728764WS

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
722014WS ADELS-722014WS Datasheet
114Kb / 2P
AC 169 RST/ 4 LWD
30/12/2019
728714 ADELS-728714 Datasheet
127Kb / 2P
AC 169 REST/ 4 M20
30/12/2019
728714S2 ADELS-728714S2 Datasheet
128Kb / 2P
AC 169 REST/ 4-2 M20
30/12/2019
728714WS ADELS-728714WS Datasheet
114Kb / 1P
AC 169 REST/ 4 M20 LWD
30/12/2019
728715D3 ADELS-728715D3 Datasheet
124Kb / 2P
AC 169 REST/ 5 M20
30/12/2019
728764 ADELS-728764 Datasheet
131Kb / 2P
AC 169 REST/ 4 M25
30/12/2019
728764S2 ADELS-728764S2 Datasheet
132Kb / 2P
AC 169 REST/ 4-2 M25
30/12/2019
728764S3 ADELS-728764S3 Datasheet
132Kb / 2P
AC 169 REST/ 4-3 M25
30/12/2019
728765D3 ADELS-728765D3 Datasheet
125Kb / 2P
AC 169 REST/ 5 M25
30/12/2019
798765D3 ADELS-798765D3 Datasheet
113Kb / 1P
AC 169 REST/ 5 M25 DALI blue
30/12/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com