Electronic Components Datasheet Search
  English  ▼

X  

792015D3 Datasheet(PDF) 1 Page - Adels-Contact

Part # 792015D3
Description  AC 169 RST/ 5 DALI blue
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

792015D3 Datasheet(HTML) 1 Page - Adels-Contact

  792015D3 Datasheet HTML 1Page - Adels-Contact 792015D3 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30/12/2019
Circular Plug Connectors IP68
Circular Plug Connectors AC 169 kompakt
AC 169 RST/ 5 DALI blue
Plug, 5 pole, Voltage Rating: 450 V, Current Rating: 17.5 A, Cross-Section: 1.5 mm²
Order Info
Reference Number (ref. no.)
792015D3
PU
200
Type
Type
Plug
Number of poles
5 pole
Clamping Units per Pole
1
Colour
blue
Cross-Section
1.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
450 V
Current Rating
17.5 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.75 mm²
Core Cross-Section max.
2.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
IP Code
IP68
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0 mm
Dismantling Length PE
30.0 mm
Dismantling Length
25.0 mm
Assembly Contact Screw
0.5x3.0 / 0.2 Nm
Assembly Strain Relief
2.5 Nm
Cable Diameter min.
7.0 mm


Similar Part No. - 792015D3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
79201 BEL-79201 Datasheet
313Kb / 5P
POWERLINE SIGNAL COUPLERS 3 and 4 Winding Boxed and Sleeved Variants
logo
DESCO INDUSTRIES INC
79201 DESCO-79201 Datasheet
360Kb / 1P
WESCORP* ESD CELLULOSE TAPE, PLASTIC CORE
July 2017
logo
Bel Fuse Inc.
79201-B BEL-79201-B Datasheet
313Kb / 5P
POWERLINE SIGNAL COUPLERS 3 and 4 Winding Boxed and Sleeved Variants
More results

Similar Description - 792015D3

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
722014 ADELS-722014 Datasheet
124Kb / 2P
AC 169 RST/ 4
30/12/2019
722014S2 ADELS-722014S2 Datasheet
124Kb / 2P
AC 169 RST/ 4-2
30/12/2019
722014S3 ADELS-722014S3 Datasheet
124Kb / 2P
AC 169 RST/ 4-3
30/12/2019
722014WS ADELS-722014WS Datasheet
114Kb / 2P
AC 169 RST/ 4 LWD
30/12/2019
722015D3 ADELS-722015D3 Datasheet
130Kb / 2P
AC 169 RST/ 5
30/12/2019
795015D3 ADELS-795015D3 Datasheet
114Kb / 2P
AC 169 RBU/ 5 DALI blue
30/12/2019
798715D3 ADELS-798715D3 Datasheet
113Kb / 1P
AC 169 REST/ 5 M20 DALI blue
30/12/2019
798765D3 ADELS-798765D3 Datasheet
113Kb / 1P
AC 169 REST/ 5 M25 DALI blue
30/12/2019
798815D3 ADELS-798815D3 Datasheet
113Kb / 1P
AC 169 REBU/ 5 M20 DALI blue
30/12/2019
798865D3 ADELS-798865D3 Datasheet
113Kb / 1P
AC 169 REBU/ 5 M25 DALI blue
30/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com