Electronic Components Datasheet Search
  English  ▼

X  

TM2SN64EPN Datasheet(PDF) 13 Page - Texas Instruments

Part # TM2SN64EPN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM2SN64EPN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TM2SN64EPN Datasheet HTML 8Page - Texas Instruments TM2SN64EPN Datasheet HTML 9Page - Texas Instruments TM2SN64EPN Datasheet HTML 10Page - Texas Instruments TM2SN64EPN Datasheet HTML 11Page - Texas Instruments TM2SN64EPN Datasheet HTML 12Page - Texas Instruments TM2SN64EPN Datasheet HTML 13Page - Texas Instruments TM2SN64EPN Datasheet HTML 14Page - Texas Instruments TM2SN64EPN Datasheet HTML 15Page - Texas Instruments TM2SN64EPN Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TM2SN64EPN 2097152 BY 64-BIT
TM4SN64EPN 4194304 BY 64-BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS696 – AUGUST 1997
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial presence detect (continued)
Table 2. Serial Presence-Detect Data for the TM4SN64EPN (Continued)
BYTE
DESCRIPTION OF FUNCTION
TM4SN64EPN-10
TM4SN64EPN-12
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
ITEM
DATA
27
Minimum row precharge time
tRP = 30 ns
1Eh
tRP = 30 ns
1Eh
28
Minimum row-active to row-active delay
tRRD = 20 ns
14h
tRRD = 24 ns
18h
29
Minimum RAS-to-CAS delay
tRCD = 30 ns
1Eh
tRCD = 30 ns
1Eh
30
Minimum RAS pulse width
tRAS = 50 ns
32h
tRAS = 60 ns
3Ch
31
Density of each bank on module
16M Bytes
04h
16M Bytes
04h
32–61
Superset features (may be used in the future)
62
SPD revision
Rev. 1
01h
Rev. 1
01h
63
Checksum for byte 0 – 62
159
9Fh
232
E8h
64 – 71
Manufacturer’s JEDEC ID code per JEP – 106E
97h
9700...00h
97h
9700...00h
72
Manufacturing location†
TBD
TBD
73–90
Manufacturer’s part number†
TBD
TBD
91
Die revision code†
TBD
TBD
92
PCB revision code†
TBD
TBD
93–94
Manufacturing date†
TBD
TBD
95–98
Assembly serial number†
TBD
TBD
99–125
Manufacturer specific data†
TBD
TBD
126–127
Vendor specific data†
TBD
TBD
128–166
System integrator’s specific data‡
TBD
TBD
167–255
Open
† TBD indicates values are determined at manufacturing time and are module dependent.
‡ These TBD values are determined and programmed by the customer (optional).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com