Electronic Components Datasheet Search
  English  ▼

X  

4066 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 4066
Description  Quad Analog Switch/Quad Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

4066 Datasheet(HTML) 5 Page - ON Semiconductor

  4066 Datasheet HTML 1Page - ON Semiconductor 4066 Datasheet HTML 2Page - ON Semiconductor 4066 Datasheet HTML 3Page - ON Semiconductor 4066 Datasheet HTML 4Page - ON Semiconductor 4066 Datasheet HTML 5Page - ON Semiconductor 4066 Datasheet HTML 6Page - ON Semiconductor 4066 Datasheet HTML 7Page - ON Semiconductor 4066 Datasheet HTML 8Page - ON Semiconductor 4066 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC14066B
http://onsemi.com
5
TEST CIRCUITS
Figure 1.
∆V Across Switch
Figure 2. Turn–On Delay Time Test Circuit
and Waveforms
Figure 3. Bandwidth and
Feedthrough Attenuation
Figure 4. Channel Separation
Figure 5. Crosstalk,
Control to Output
Figure 6. Off Channel Leakage
CONTROL
SECTION
OF IC
SOURCE
V
LOAD
ON SWITCH
Vout
Vout
VC
VC
Vout
Vin
RL
CL
20 ns
VDD
VSS
90%
50%
10%
tPZH
tPHZ
tPZL
tPLZ
10%
90%
10%
Vx
Vout
CL
RL
VDD
VSS
VC
Vin
VDD – VSS
2
VDD – VSS
2
Vin
VDD
VSS
RL
CL
RL
CL
Vin
1 k
Vout
RL
CL = 50 pF
VC = – 5.0 V TO + 5.0 V SWING
VC = VDD FOR BANDWIDTH TEST
VC = VSS FOR FEEDTHROUGH TEST
OFF CHANNEL UNDER TEST
VDD
VSS
VSS
VDD
A
CONTROL
SECTION
OF IC
90%
Vin = VDD
Vx = VSS
Vin = VSS
Vx = VDD
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com