Electronic Components Datasheet Search
  English  ▼

X  

044015 Datasheet(PDF) 1 Page - Adels-Contact

Part # 044015
Description  Screwless Connectors Luminaire Connectors LK 980-01 RZ/ 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

044015 Datasheet(HTML) 1 Page - Adels-Contact

  044015 Datasheet HTML 1Page - Adels-Contact 044015 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06/01/2020
Screwless Connectors
Luminaire Connectors
LK 980-01 RZ/ 5
Terminal Block, 5 pole, Fixing: Catch Pin, Voltage Rating: 450 V, Current
Rating: 24 A, Cross-Section: 2.5 mm², External Connection
Type: screwless
Order Info
Reference Number (ref. no.)
044015
Applications
Lighting, Electrical Appliances
PU
500
EAN
4028012113064
Type
Type
Terminal Block
Number of poles
5 pole
Clamping Units per Pole
2
Colour
white
Cross-Section
2.5 mm²
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6.6
Contact Material
Spring Steel, Copper
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Stripping Length
8.0-9.0 mm
Internal Core Cross-Section max.
1.5 / 2.5 mm²
External Core Cross-Section min.
0.5 mm²
External Core Cross-Section max.
2.5 mm²
Fixing
Catch Pin
External Connection Type
screwless
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Flexible External
yes
Type of Conductor Stranded External
yes
Type of Conductor Solid Internal
yes
Type of Conductor Stranded Internal
yes


Similar Part No. - 044015

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04401.25WR LITTELFUSE-04401.25WR Datasheet
676Kb / 3P
Surface Mount Fuses Ceramic Fuse > 440 Series
04401.75WR LITTELFUSE-04401.75WR Datasheet
676Kb / 3P
Surface Mount Fuses Ceramic Fuse > 440 Series
logo
Adels-Contact
044012 ADELS-044012 Datasheet
117Kb / 2P
LK 980-01 RZ/ 2
06/01/2020
044013 ADELS-044013 Datasheet
118Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01 RZ/ 3
06/01/2020
044014 ADELS-044014 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01 RZ/ 4
06/01/2020
More results

Similar Description - 044015

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
040213 ADELS-040213 Datasheet
118Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01/ 3 SK
06/01/2020
040214 ADELS-040214 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01/ 4 SK
06/01/2020
040215 ADELS-040215 Datasheet
120Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01/ 5 SK
06/01/2020
040313 ADELS-040313 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01/ 3 ST
06/01/2020
040315 ADELS-040315 Datasheet
120Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01/ 5 ST
06/01/2020
040413 ADELS-040413 Datasheet
118Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01/ 3 STW
06/01/2020
040415 ADELS-040415 Datasheet
120Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01/ 5 STW
06/01/2020
044013 ADELS-044013 Datasheet
118Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01 RZ/ 3
06/01/2020
044014 ADELS-044014 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01 RZ/ 4
06/01/2020
044213 ADELS-044213 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors LK 980-01 RZ/ 3 SK
06/01/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com