Electronic Components Datasheet Search
  English  ▼

X  

044314 Datasheet(PDF) 1 Page - Adels-Contact

Part # 044314
Description  LK 980-01 RZ/ 4 ST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

044314 Datasheet(HTML) 1 Page - Adels-Contact

  044314 Datasheet HTML 1Page - Adels-Contact 044314 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06/01/2020
Screwless Connectors
Luminaire Connectors
LK 980-01 RZ/ 4 ST
Terminal Block, 4 pole, Fixing: Catch Pin, PE Terminal: ST, Voltage
Rating: 450 V, Current Rating: 24 A, Cross-Section: 2.5 mm², External
Connection Type: screwless
Order Info
Reference Number (ref. no.)
044314
Applications
Lighting, Electrical Appliances
PU
600
EAN
4028012128938
Type
Type
Terminal Block
Number of poles
4 pole
Clamping Units per Pole
2
Colour
white
Cross-Section
2.5 mm²
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6.6
Contact Material
Spring Steel, Copper
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Stripping Length
8.0-9.0 mm
Internal Core Cross-Section max.
1.5 / 2.5 mm²
External Core Cross-Section min.
0.5 mm²
External Core Cross-Section max.
2.5 mm²
Fixing
Catch Pin
External Connection Type
screwless
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Flexible External
yes
Type of Conductor Stranded External
yes
Type of Conductor Solid Internal
yes
Type of Conductor Stranded Internal
yes


Similar Part No. - 044314

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
04431 VICOR-04431 Datasheet
49Kb / 1P
HEARSINK 70 INCH HGT VERT
04431-04 VICOR-04431-04 Datasheet
49Kb / 1P
HEARSINK 70 INCH HGT VERT
logo
Adels-Contact
044313 ADELS-044313 Datasheet
119Kb / 2P
LK 980-01 RZ/ 3 ST
06/01/2020
044315 ADELS-044315 Datasheet
120Kb / 2P
LK 980-01 RZ/ 5 ST
06/01/2020
logo
Weidmuller
0443160000 WEIDMULLER-0443160000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 044314

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
044012 ADELS-044012 Datasheet
117Kb / 2P
LK 980-01 RZ/ 2
06/01/2020
044214 ADELS-044214 Datasheet
119Kb / 2P
LK 980-01 RZ/ 4 SK
06/01/2020
044313 ADELS-044313 Datasheet
119Kb / 2P
LK 980-01 RZ/ 3 ST
06/01/2020
044315 ADELS-044315 Datasheet
120Kb / 2P
LK 980-01 RZ/ 5 ST
06/01/2020
044414 ADELS-044414 Datasheet
119Kb / 2P
LK 980-01 RZ/ 4 STW
06/01/2020
045014 ADELS-045014 Datasheet
120Kb / 2P
LK 980-01 RZ/ 4 printed
06/01/2020
045214 ADELS-045214 Datasheet
120Kb / 2P
LK 980-01 RZ/ 4 SK printed
06/01/2020
045313 ADELS-045313 Datasheet
119Kb / 2P
LK 980-01 RZ/ 3 ST printed
06/01/2020
045314 ADELS-045314 Datasheet
120Kb / 2P
LK 980-01 RZ/ 4 ST printed
06/01/2020
045414 ADELS-045414 Datasheet
120Kb / 2P
LK 980-01 RZ/ 4 STW printed
06/01/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com