Electronic Components Datasheet Search
  English  ▼

X  

045013 Datasheet(PDF) 1 Page - Adels-Contact

Part # 045013
Description  LK 980-01 RZ/ 3 printed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

045013 Datasheet(HTML) 1 Page - Adels-Contact

  045013 Datasheet HTML 1Page - Adels-Contact 045013 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06/01/2020
Screwless Connectors
Luminaire Connectors
LK 980-01 RZ/ 3 printed "N Earth L"
Terminal Block, 3 pole, Fixing: Catch Pin, Printing: N Earth L, Voltage
Rating: 450 V, Current Rating: 24 A, Cross-Section: 2.5 mm², External
Connection Type: screwless
Order Info
Reference Number (ref. no.)
045013
Applications
Lighting, Electrical Appliances
PU
500
EAN
4028012100286
Type
Type
Terminal Block
Number of poles
3 pole
Clamping Units per Pole
2
Colour
white
Cross-Section
2.5 mm²
Printing
N Earth L
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6.6
Contact Material
Spring Steel, Copper
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Stripping Length
8.0-9.0 mm
Internal Core Cross-Section max.
1.5 / 2.5 mm²
External Core Cross-Section min.
0.5 mm²
External Core Cross-Section max.
2.5 mm²
Fixing
Catch Pin
External Connection Type
screwless
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Flexible External
yes
Type of Conductor Stranded External
yes
Type of Conductor Solid Internal
yes


Similar Part No. - 045013

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
045012 ADELS-045012 Datasheet
117Kb / 2P
LK 980-01 RZ/ 2 printed N L
06/01/2020
045014 ADELS-045014 Datasheet
120Kb / 2P
LK 980-01 RZ/ 4 printed
06/01/2020
045015 ADELS-045015 Datasheet
121Kb / 2P
LK 980-01 RZ/ 5 printed N Earth 1 2
06/01/2020
logo
Ashcroft, Inc.
04501GH02T ASHCROFT-04501GH02T Datasheet
545Kb / 4P
400/500 Threaded All-Welded Diaphragm Seal
RevH_06-28-21
04501GH04T ASHCROFT-04501GH04T Datasheet
545Kb / 4P
400/500 Threaded All-Welded Diaphragm Seal
RevH_06-28-21
More results

Similar Description - 045013

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
044313 ADELS-044313 Datasheet
119Kb / 2P
LK 980-01 RZ/ 3 ST
06/01/2020
044413 ADELS-044413 Datasheet
119Kb / 2P
LK 980-01 RZ/ 3 STW
06/01/2020
045014 ADELS-045014 Datasheet
120Kb / 2P
LK 980-01 RZ/ 4 printed
06/01/2020
045213 ADELS-045213 Datasheet
119Kb / 2P
LK 980-01 RZ/ 3 SK printed
06/01/2020
045214 ADELS-045214 Datasheet
120Kb / 2P
LK 980-01 RZ/ 4 SK printed
06/01/2020
045313 ADELS-045313 Datasheet
119Kb / 2P
LK 980-01 RZ/ 3 ST printed
06/01/2020
045314 ADELS-045314 Datasheet
120Kb / 2P
LK 980-01 RZ/ 4 ST printed
06/01/2020
045413 ADELS-045413 Datasheet
120Kb / 2P
LK 980-01 RZ/ 3 STW printed
06/01/2020
045414 ADELS-045414 Datasheet
120Kb / 2P
LK 980-01 RZ/ 4 STW printed
06/01/2020
045615 ADELS-045615 Datasheet
121Kb / 2P
LK 980-01 RZ/ 5 SU printed
06/01/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com