Electronic Components Datasheet Search
  English  ▼

X  

3200218 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200218
Description  A 0,5 - 6
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200218 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200218 Datasheet HTML 1Page - PHOENIX CONTACT 3200218 Datasheet HTML 2Page - PHOENIX CONTACT 3200218 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Mar 25, 2010
Extract from the online
catalog
 
A 0,5 - 6
Order No.: 3200218
The figure shows variant A 1-6
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3200218
 
 
Ferrule, Length: 6 mm, Color: silver
 
Commercial data
EAN
4017918093860
Pack
1000 pcs.
Customs tariff
85369010
Weight/Piece
0.000032 KG
Catalog page information
Page 661 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Length (b)
6 mm
Color
silver
Material
E-CU
Sleeve length
5.3 mm
Inner dimension of the insulating collar (d)
2.1 mm


Similar Part No. - 3200218

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200218 PHOENIX-3200218 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar According to DIN 46228-1
3200218 PHOENIX-3200218 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3200218 PHOENIX-3200218 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3200218 PHOENIX-3200218 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3200218 PHOENIX-3200218 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
More results

Similar Description - 3200218

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1778874 PHOENIX-1778874 Datasheet
98Kb / 4P
PTSM 0,5/ 6-P-2,5
1012270 PHOENIX-1012270 Datasheet
293Kb / 13P
MCC 0,5/ 6-ST-2,54
1027608 PHOENIX-1027608 Datasheet
1Mb / 13P
DMCC 0,5/ 6-ST-2,54
3202494 PHOENIX-3202494 Datasheet
60Kb / 3P
Ferrule - A 0,5 -10
1891108 PHOENIX-1891108 Datasheet
140Kb / 5P
FK-MPT 0,5/ 6-3,5
1881367 PHOENIX-1881367 Datasheet
163Kb / 5P
FK-MC 0,5/ 6-ST-2,5
1881480 PHOENIX-1881480 Datasheet
167Kb / 5P
MC 0,5/ 6-G-2,5
1881590 PHOENIX-1881590 Datasheet
136Kb / 4P
MCV 0,5/ 6-G-2,5
1913963 PHOENIX-1913963 Datasheet
138Kb / 4P
FK-MPT 0,5/ 6-ST-3,5
1706220 PHOENIX-1706220 Datasheet
44Kb / 1P
MC 0,5/ 6-G-2,54 P20THRR44C1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com