Electronic Components Datasheet Search
  English  ▼

X  

3200331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200331
Description  A 10 -12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200331 Datasheet HTML 1Page - PHOENIX CONTACT 3200331 Datasheet HTML 2Page - PHOENIX CONTACT 3200331 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Mar 25, 2010
Extract from the online
catalog
 
A 10 -12
Order No.: 3200331
The figure shows variant A 1-6
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3200331
 
 
Ferrule, Length: 12 mm, Color: silver
 
Commercial data
EAN
4017918093983
Pack
500 pcs.
Customs tariff
85369010
Weight/Piece
0.0003 KG
Catalog page information
Page 661 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Length (b)
12 mm
Color
silver
Material
E-CU
Sleeve length
10.8 mm
Inner dimension of the insulating collar (d)
5.8 mm


Similar Part No. - 3200331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200331 PHOENIX-3200331 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar According to DIN 46228-1
3200331 PHOENIX-3200331 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3200331 PHOENIX-3200331 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3200331 PHOENIX-3200331 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3200331 PHOENIX-3200331 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
More results

Similar Description - 3200331

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
12-Bit, 10 MSPS A/D Converter
02 1999
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
10-Bit, 12-Bit, Multiplying D/A Converters
August 2002
logo
List of Unclassifed Man...
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
12-BIT, 10 MSPS, ECL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
National Instruments Co...
PXI-2585 NI-PXI-2585 Datasheet
205Kb / 3P
10-Channel, 12 A SPST (Form A) Relays/Multiplexer
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
10-Bit, 12-Bit, Multiplying D/A Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com