Electronic Components Datasheet Search
  English  ▼

X  

3200713 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200713
Description  Ferrule - AI 35 -25 RD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200713 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200713 Datasheet HTML 1Page - PHOENIX CONTACT 3200713 Datasheet HTML 2Page - PHOENIX CONTACT 3200713 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/3200713
12/18/2019   Page 1 / 3
Ferrule - AI 35 -25 RD - 3200713
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Ferrule, sleeve length: 25 mm, length: 39 mm, color: red
Your advantages
 The insulation reliability of close connections is increased and the splicing of wires is prevented
 The ferrules with plastic sleeve are made from soft tin-plated electrolytic copper
 The AI 0,25.. ferrules can also be used to process 0.14 mm² conductors
Key Commercial Data
Packing unit
50 pc
Minimum order quantity
50 pc
GTIN
GTIN
4017918094300
Sales Key
05
Technical data
Dimensions
Length (b)
39 mm
Maximum stripping length
29 mm
Sleeve length
25 mm
Inner dimension of the insulating collar (d)
12.5 mm
Ferrule diameter
8.3 mm
Insulating collar thickness
0.5 mm
Sleeve wall thickness
0.2 mm
Ambient conditions
Short-term temperature
120 °C
Max. permanent temperature
105 °C (-40°C no load / 0°C dynamic load)


Similar Part No. - 3200713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200713 PHOENIX-3200713 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3200713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200106 PHOENIX-1200106 Datasheet
61Kb / 2P
Ferrule - AI 1,0-8 RD S1
03/10/2015
1208869 PHOENIX-1208869 Datasheet
46Kb / 3P
Ferrule - AI 1 -10 RD-GB-1000
3200700 PHOENIX-3200700 Datasheet
61Kb / 3P
Ferrule - AI 25 -22 YE
3201071 PHOENIX-3201071 Datasheet
58Kb / 3P
Ferrule - AI 35 -16 BE
3201084 PHOENIX-3201084 Datasheet
66Kb / 3P
Ferrule - AI 25 -16 BN
3201385 PHOENIX-3201385 Datasheet
100Kb / 3P
AI 1 - 8 RD-B
3201958 PHOENIX-3201958 Datasheet
66Kb / 3P
Ferrule - AI-XL 10 -12 RD
3240544 PHOENIX-3240544 Datasheet
54Kb / 3P
Ferrule - AI-WM 1-8 RD
3240665 PHOENIX-3240665 Datasheet
67Kb / 3P
Ferrule - AI 1-8 RD-B 3000
3241125 PHOENIX-3241125 Datasheet
56Kb / 3P
Ferrule - AI 1,5 -18 RD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com