Electronic Components Datasheet Search
  English  ▼

X  

3200328 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3200328
Description  Ferrules Without Insulating Collar According to DIN 46228-1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200328 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3200328 Datasheet HTML 1Page - PHOENIX CONTACT 3200328 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A…
103088_00_en
2
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
Phone: +49 - 52 35 - 30 0 • Fax: +49 - 52 35 - 34 12 00
www.phoenixcontact.com
Dimensions and Ordering Data
Figure 1
Dimensions (tolerances according to DIN 46228-1)
© PHOENIX CONTACT 09/2006
Ferrules Without Insulating Collar According to DIN 46228-1
Cross Section
l1
l2
d1
s
d2
Type
Order No. Pcs./Pck.
0.25 mm2
5.0 mm
–
0.8 mm
0.15 mm
1.7 mm
A 0,25- 51
3202465
1000
0.25 mm2
7.0 mm
–
0.8 mm
0.15 mm
1.7 mm
A 0,25- 71
3202478
1000
0.34 mm2
7.0 mm
–
0.9 mm
0.15 mm
1.8 mm
A 0,34- 71
3009202
1000
0.5 mm2
6.0 mm
5.3 mm
1.0 mm
0.15 mm
2.1 mm
A 0,5 - 6
3200218
1000
0.5 mm2
8.0 mm
7.3 mm
1.0 mm
0.15 mm
2.1 mm
A 0,5 - 81
3202481
1000
0.5 mm2
10.0 mm
9.3 mm
1.0 mm
0.15 mm
2.1 mm
A 0,5 -10
3202494
1000
0.75 mm2
6.0 mm
5.3 mm
1.2 mm
0.15 mm
2.3 mm
A 0,75- 6
3200221
1000
0.75 mm2
8.0 mm
7.3 mm
1.2 mm
0.15 mm
2.3 mm
A 0,75- 81
3202504
1000
0.75 mm2
10.0 mm
9.3 mm
1.2 mm
0.15 mm
2.3 mm
A 0,75-10
3200234
1000
1 mm2
6.0 mm
5.3 mm
1.4 mm
0.15 mm
2.5 mm
A 1 - 6
3200247
1000
1 mm2
8.0 mm
7.3 mm
1.4 mm
0.15 mm
2.5 mm
A 1 - 81
3202517
1000
1 mm2
10.0 mm
9.3 mm
1.4 mm
0.15 mm
2.5 mm
A 1 -10
3200250
1000
1.5 mm2
7.0 mm
6.0 mm
1.7 mm
0.15 mm
2.8 mm
A 1,5 - 7
3200263
1000
1.5 mm2
10.0 mm
9.0 mm
1.7 mm
0.15 mm
2.8 mm
A 1,5 -10
3200276
1000
1.5 mm2
12.0 mm
11.0 mm
1.7 mm
0.15 mm
2.8 mm
A 1,5 -12
3202588
1000
1.5 mm2
15.0 mm
14.0 mm
1.7 mm
0.15 mm
2.8 mm
A 1,5 -15
3202591
1000
1.5 mm2
18.0 mm
17.0 mm
1.7 mm
0.15 mm
2.8 mm
A 1,5 -18
3202601
1000
2.5 mm2
7.0 mm
6.0 mm
2.2 mm
0.15 mm
3.4 mm
A 2,5 - 7
3200289
1000
2.5 mm2
12.0 mm
11.0 mm
2.2 mm
0.15 mm
3.4 mm
A 2,5 -12
3200292
1000
2.5 mm2
18.0 mm
17.0 mm
2.2 mm
0.15 mm
3.4 mm
A 2,5 -18
3202821
1000
4 mm2
9.0 mm
8.0 mm
2.8 mm
0.2 mm
4.0 mm
A 4 - 9
3200302
1000
4 mm2
12.0 mm
11.0 mm
2.8 mm
0.2 mm
4.0 mm
A 4 -12
3200315
1000
4 mm2
18.0 mm
17.0 mm
2.8 mm
0.2 mm
4.0 mm
A 4 -18
3202834
1000
6 mm2
10.0 mm
9.0 mm
3.5 mm
0.2 mm
4.7 mm
A 6 -10
3202520
500
6 mm2
12.0 mm
11.0 mm
3.5 mm
0.2 mm
4.7 mm
A 6 -12
3200328
500
10 mm2
12.0 mm
11.8 mm
4.5 mm
0.2 mm
5.8 mm
A 10 -12
3200331
500
10 mm2
18.0 mm
16.8 mm
4.5 mm
0.2 mm
5.8 mm
A 10 -18
3200344
500
16 mm2
12.0 mm
10.5 mm
5.8 mm
0.2 mm
7.5 mm
A 16 -121
3200425
100
25 mm2
12.0 mm
10.0 mm
7.3 mm
0.2 mm
9.5 mm
A 25 -12
3200357
100
25 mm2
15.0 mm
13.0 mm
7.3 mm
0.2 mm
9.5 mm
A 25 -15
3200360
100
25 mm2
18.0 mm
16.0 mm
7.3 mm
0.2 mm
9.5 mm
A 25 -18
3200373
100
25 mm2
20.0 mm
18.0 mm
7.3 mm
0.2 mm
9.5 mm
A 25 -201
3200386
100
35 mm2
18.0 mm
16.0 mm
8.3 mm
0.2 mm
11.0 mm
A 35 -18
3200399
100
35 mm2
20.0 mm
18.0 mm
8.3 mm
0.2 mm
11.0 mm
A 35 -201
3200409
100
1 These ferrules are not included in DIN 46228-1.
I 1
I 2
l1 =
Total length
l2 =
Sleeve length
d1 = Inside diameter of sleeve
s =
Wall thickness of sleeve
d2 = Inside diameter of collar



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com