Electronic Components Datasheet Search
  English  ▼

X  

112002B2 Datasheet(PDF) 1 Page - Adels-Contact

Part # 112002B2
Description  Screwless Connectors Block Connectors 930-00/ 2 printed L N
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

112002B2 Datasheet(HTML) 1 Page - Adels-Contact

  112002B2 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
06/01/2020
Screwless Connectors
Block Connectors
930-00/ 2 printed L N
Terminal Block without Release Keyn, 2 pole, Printing: L N, Voltage
Rating: 450 V, Current Rating: 24 A, Cross-Section: 2.5 mm²
Order Info
Reference Number (ref. no.)
112002B2
Applications
Lighting, Electrical Appliances
PU
1,000
Type
Type
Terminal Block without Release Keyn
Number of poles
2 pole
Clamping Units per Pole
2
Colour
white
Cross-Section
2.5 mm²
Connection Type
screwless
Printing
L N
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6.6
Contact Material
Brass
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Stripping Length
8.0-9.0 mm
Internal Core Cross-Section max.
2.5 mm²
External Core Cross-Section min.
0.5 mm²
External Core Cross-Section max.
2.5 mm²
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Solid Internal
yes
Approbation EN60998
930_935_937_EN60998_20071001_VDE_40022275_web.pdf
Approbation UL
930_935_19880415_19941222_UL_E63492_1-06_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 112002B2

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
112002 ADELS-112002 Datasheet
116Kb / 1P
Screwless Connectors Block Connectors 930-00/ 2
06/01/2020
More results

Similar Description - 112002B2

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
112002 ADELS-112002 Datasheet
116Kb / 1P
Screwless Connectors Block Connectors 930-00/ 2
06/01/2020
112003 ADELS-112003 Datasheet
117Kb / 1P
Screwless Connectors Block Connectors 930-00/ 3
06/01/2020
112005 ADELS-112005 Datasheet
120Kb / 1P
Screwless Connectors Block Connectors 930-00/ 5
06/01/2020
112006 ADELS-112006 Datasheet
120Kb / 1P
Screwless Connectors Block Connectors 930-00/ 6
06/01/2020
112007 ADELS-112007 Datasheet
121Kb / 1P
Screwless Connectors Block Connectors 930-00/ 7
06/01/2020
112009 ADELS-112009 Datasheet
123Kb / 1P
Screwless Connectors Block Connectors 930-00/ 9
06/01/2020
112010 ADELS-112010 Datasheet
125Kb / 1P
Screwless Connectors Block Connectors 930-00/10
06/01/2020
112011 ADELS-112011 Datasheet
123Kb / 1P
Screwless Connectors Block Connectors 930-00/11
06/01/2020
112012 ADELS-112012 Datasheet
124Kb / 1P
Screwless Connectors Block Connectors 930-00/12
06/01/2020
113402B3 ADELS-113402B3 Datasheet
117Kb / 1P
Screwless Connectors Block Connectors 930-02/ 2 printed L N
06/01/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com