Electronic Components Datasheet Search
  English  ▼

X  

112409 Datasheet(PDF) 1 Page - Adels-Contact

Part # 112409
Description  Screwless Connectors Block Connectors 930-02/ 9
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

112409 Datasheet(HTML) 1 Page - Adels-Contact

  112409 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
06/01/2020
Screwless Connectors
Block Connectors
930-02/ 9
Terminal Block with 2 Release Keys, 9 pole, Voltage Rating: 450 V,
Current Rating: 24 A, Cross-Section: 2.5 mm²
Order Info
Reference Number (ref. no.)
112409
Applications
Lighting, Electrical Appliances
PU
300
EAN
4028012127436
Type
Type
Terminal Block with 2 Release Keys
Number of poles
9 pole
Clamping Units per Pole
2
Colour
white
Cross-Section
2.5 mm²
Connection Type
screwless
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6.6
Contact Material
Brass
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Stripping Length
8.0-9.0 mm
Internal Core Cross-Section max.
2.5 mm²
External Core Cross-Section min.
0.5 mm²
External Core Cross-Section max.
2.5 mm²
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Solid Internal
yes
Approbation EN60998
930_935_937_EN60998_20071001_VDE_40022275_web.pdf
Approbation UL
930_935_19880415_19941222_UL_E63492_1-06_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 112409

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
112401 ADELS-112401 Datasheet
115Kb / 1P
Screwless Connectors Block Connectors 930-02/ 1
06/01/2020
112402 ADELS-112402 Datasheet
116Kb / 1P
Screwless Connectors Block Connectors 930-02/ 2
06/01/2020
112403 ADELS-112403 Datasheet
118Kb / 1P
Screwless Connectors Block Connectors 930-02/ 3
06/01/2020
112404 ADELS-112404 Datasheet
119Kb / 1P
Screwless Connectors Block Connectors 930-02/ 4
06/01/2020
logo
Pro-Power
11240400-100M PROPOWER-11240400-100M Datasheet
121Kb / 2P
CY Cable
20/12/11 V1.1
More results

Similar Description - 112409

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
112401 ADELS-112401 Datasheet
115Kb / 1P
Screwless Connectors Block Connectors 930-02/ 1
06/01/2020
112402 ADELS-112402 Datasheet
116Kb / 1P
Screwless Connectors Block Connectors 930-02/ 2
06/01/2020
112403 ADELS-112403 Datasheet
118Kb / 1P
Screwless Connectors Block Connectors 930-02/ 3
06/01/2020
112404 ADELS-112404 Datasheet
119Kb / 1P
Screwless Connectors Block Connectors 930-02/ 4
06/01/2020
112405 ADELS-112405 Datasheet
120Kb / 1P
Screwless Connectors Block Connectors 930-02/ 5
06/01/2020
112405B1 ADELS-112405B1 Datasheet
110Kb / 1P
Screwless Connectors Block Connectors 930-02/ 5
06/01/2020
112406 ADELS-112406 Datasheet
121Kb / 1P
Screwless Connectors Block Connectors 930-02/ 6
06/01/2020
112407 ADELS-112407 Datasheet
123Kb / 1P
Screwless Connectors Block Connectors 930-02/ 7
06/01/2020
112408 ADELS-112408 Datasheet
124Kb / 1P
Screwless Connectors Block Connectors 930-02/ 8
06/01/2020
112410 ADELS-112410 Datasheet
125Kb / 1P
Screwless Connectors Block Connectors 930-02/10
06/01/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com