Electronic Components Datasheet Search
  English  ▼

X  

392 Datasheet(PDF) 1 Page - Energizer

Part # 392
Description  Silver Oxide Batteries
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

392 Datasheet(HTML) 1 Page - Energizer

  392 Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chemical System:
Silver Oxide (Zn/Ag2O)
Designation:
ANSI-1135SO/1134SO, IEC-SR41
Nominal Voltage:
1.55 Volts
Typical Capacity:
44 mAh* (to 1.2 volts)
Capacity Test:
22K ohm continuous drain at 21°C
Typical Weight:
0.57 grams (0.023 oz.)
Typical Volume:
0.18 cubic centimeters (0.011 cubic inch)
Impedance (40 Hz):
15 to 40 ohms
Load
Cutoff
1.2V
(ohm)
(hours)
22K
645
* Varies according to the applied load, temperature, and cutoff voltage.
at 1.50V
(milliamperes)
Schedule
Typical Drains
Contents herein do not constitute a warranty and are for refrence only.
Important Notice
This datasheet contains typical information specific to products manufactured at the time of its publication.
Continuous
0.068
Typical Performance at 21°C (70°F)
mm (inches)
Typical Discharge Characteristics
Industry Standard Dimensions
ENERGIZER 392/384
Typical Performance at Low Discharge Rates
Temperature Characteristics
SILVER OXIDE
Specifications
Cross Section
PRODUCT DATASHEET
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
200
400
600
800
Service, Hours
Schedule: Continuous
Typical Drain @1.50V:
0.068 milliamperes
Load: 22K ohm
DESIGNED FOR USE ON CONTINUOUS LOW DRAIN
HIGH PULSE ON DEMAND
0
25
50
75
100
125
-20
0
20
40
Temperature (C)
Service Effects
60
70
80
90
100
0
2
4
6
8
10
12
Storage Time (yrs)
Storage Effects
40°C
20°C
0°C
Anode Cap
Gel Anode
Gasket
Can
Separator
Cathode
Form No. 392/384GL0719
Page 1 of 1


Similar Part No. - 392

ManufacturerPart #DatasheetDescription
logo
Littelfuse
392 LITTELFUSE-392 Datasheet
135Kb / 2P
SUBMINIATURE FUSES
logo
Oscilent Corporation
392 OSCILENT-392 Datasheet
132Kb / 2P
PECL Output
logo
List of Unclassifed Man...
392 ETC2-392 Datasheet
1Mb / 2P
Resistance measurement
logo
B&K Precision Corporati...
392 BK-392 Datasheet
1Mb / 2P
Handheld Digital Multimeters
logo
List of Unclassifed Man...
392 ETC-392 Datasheet
18Kb / 1P
EXALITE 392E
More results

Similar Description - 392

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR626W ETC1-SR626W Datasheet
135Kb / 3P
Zinc Silver Oxide Batteries
logo
Energizer
357 ENERGIZER-357 Datasheet
73Kb / 1P
Silver Oxide Batteries
364 ENERGIZER-364 Datasheet
217Kb / 1P
Silver Oxide Batteries
377 ENERGIZER-377 Datasheet
214Kb / 1P
Silver Oxide Batteries
386 ENERGIZER-386 Datasheet
533Kb / 1P
Silver Oxide Batteries
390 ENERGIZER-390 Datasheet
532Kb / 1P
Silver Oxide Batteries
393 ENERGIZER-393 Datasheet
332Kb / 1P
Silver Oxide Batteries
397 ENERGIZER-397 Datasheet
534Kb / 1P
Silver Oxide Batteries
logo
Maxwell Technologies
SR920SW MAXWELL-SR920SW Datasheet
167Kb / 3P
Zinc Silver Oxide Batteries
logo
Murata Manufacturing Co...
SR41 MURATA1-SR41 Datasheet
455Kb / 2P
Silver oxide batteries
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com