Electronic Components Datasheet Search
  English  ▼

X  

396 Datasheet(PDF) 1 Page - Energizer

Part # 396
Description  Silver Oxide Batteries
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

396 Datasheet(HTML) 1 Page - Energizer

  396 Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chemical System:
Silver Oxide (Zn/Ag2O)
Designation:
ANSI-1164SO/1163SO, IEC-SR59
Nominal Voltage:
1.55 Volts
Typical Capacity:
33 mAh* (to 1.2 volts)
Capacity Test:
45K ohm continuous drain at 21°C
Typical Weight:
0.5 grams (0.018 oz.)
Typical Volume:
0.13 cubic centimeters (0.008 cubic inch)
Impedance (40 Hz):
15 to 25 ohms
Load
Cutoff
1.2V
(ohm)
(hours)
45K
971
Industry Standard Dimensions
ENERGIZER 397/396
Typical Performance at Low Discharge Rates
Temperature Characteristics
SILVER OXIDE
Specifications
Cross Section
* Varies according to the applied load, temperature, and cutoff voltage.
at 1.53V
(milliamperes)
Schedule
Typical Drains
©Energizer Holdings, Inc. - Contents herein do not constitute a warranty.
Important Notice
This datasheet contains typical information specific to products manufactured at the time of its publication.
Continuous
0.034
Typical Performance at 21°C (70°F)
mm (inches)
Typical Discharge Characteristics
PRODUCT DATASHEET
1-800-383-7323 / USA
1-800-383-7323 / CANADA
1-800-383-7323 USA/CAN
www.energizer.com
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
250
500
750
1000
Service, Hours
Schedule: Continuous
Typical Drain @1.53V:
0.034 milliamperes
Load: 45K ohm
DESIGNED FOR USE ON CONTINUOUS LOW DRAIN
HIGH PULSE ON DEMAND
0
25
50
75
100
125
-20
0
20
40
Temperature (C)
Service Effects
60
70
80
90
100
02468
10
12
Storage Time (yrs)
Storage Effects
40 C
20 C
0C
Anode Cap
Gel Anode
Gasket
Can
Separator
Cathode
7.90 (0.311)
7.55 (0.297)
R0.64 (0.025) Ref.
Typical
0.08 (0.003) Minimum Ref.
(applies to top edge of gasket or
edge of crimp, whichever is higher)
0.25 (0.010) Maximum Ref.
Permissible deflection from a flat
2.30 (0.091)
2.60 (0.102)
2.33 (0.092) Ref.
2.08 (0.082) Ref.
3.00 (0.118)
Minimum
Form No. EBC - 4354B
Page 1 of 1


Similar Part No. - 396

ManufacturerPart #DatasheetDescription
logo
Littelfuse
396 LITTELFUSE-396 Datasheet
81Kb / 2P
SUBMINIATURE FUSES
logo
EDAC, All Rights Reserv...
396 EDAC-396 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
logo
PANAVISE PRODUCTS, INC.
396 PANAVISE-396 Datasheet
1Mb / 8P
Precision Vise Combinations
logo
Littelfuse
396 LITTELFUSE-396 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
396 ADAFRUIT-396 Datasheet
200Kb / 2P
Precision screw removal pliers PZ 57
2-6-24
More results

Similar Description - 396

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR626W ETC1-SR626W Datasheet
135Kb / 3P
Zinc Silver Oxide Batteries
logo
Energizer
357 ENERGIZER-357 Datasheet
73Kb / 1P
Silver Oxide Batteries
364 ENERGIZER-364 Datasheet
217Kb / 1P
Silver Oxide Batteries
377 ENERGIZER-377 Datasheet
214Kb / 1P
Silver Oxide Batteries
386 ENERGIZER-386 Datasheet
533Kb / 1P
Silver Oxide Batteries
390 ENERGIZER-390 Datasheet
532Kb / 1P
Silver Oxide Batteries
392 ENERGIZER-392 Datasheet
197Kb / 1P
Silver Oxide Batteries
393 ENERGIZER-393 Datasheet
332Kb / 1P
Silver Oxide Batteries
logo
Maxwell Technologies
SR920SW MAXWELL-SR920SW Datasheet
167Kb / 3P
Zinc Silver Oxide Batteries
logo
Murata Manufacturing Co...
SR41 MURATA1-SR41 Datasheet
455Kb / 2P
Silver oxide batteries
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com