Electronic Components Datasheet Search
  English  ▼

X  

HRL30 Datasheet(PDF) 1 Page - XP Power Limited

Part # HRL30
Description  DC-HVDC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HRL30 Datasheet(HTML) 1 Page - XP Power Limited

  HRL30 Datasheet HTML 1Page - XP Power Limited HRL30 Datasheet HTML 2Page - XP Power Limited HRL30 Datasheet HTML 3Page - XP Power Limited HRL30 Datasheet HTML 4Page - XP Power Limited HRL30 Datasheet HTML 5Page - XP Power Limited HRL30 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HRL30 Series
DC-HVDC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Typical
2. Specifications after 30-minute warm up, at full load, maximum output voltage
and 25°C, unless otherwise indicated.
3. No current and temperature derating.
4. Proper thermal management techniques are required to maintain safe case
temperature at maximum power output.
• +24VDC Input [22 to 30V]
• Output Voltage & Current Regulated
• 0 to 100% Programmable Voltage & Current
• Voltage & Current Monitor Outputs
• Operating Temperature: -40°C to +70°C
• Short Circuit, Arc, and Overload Protections
• On-board +5V Reference
• Efficiency >80%
• Low Ripple <0.05%
• Premier Thermal Performance
• 3 Year Warranty
Dimensions:
HRL30:
3.0 x 1.5 x 0.75” (76.2 x 38.1 x 19.05 mm)
Key Applications:
• Mass Spectrometry
• Electrophoresis
• E-beam/Ion Beam
• Electrostatic Chuck
• Capacitor Charging
• Photo Multiplier Tube
• Scanning Electron Microscopes
30 Watts
Output voltage
Output current
Input current
Ripple & Noise(1)
Model number
No load(1)
Full load(1)
0 to +200V
150mA
50mA
1.5A
<0.05%
HRL3024S200P
0 to -200V
150mA
50mA
1.5A
<0.05%
HRL3024S200N
0 to +350V
85.7mA
50mA
1.5A
<0.05%
HRL3024S350P
0 to -350V
85.7mA
50mA
1.5A
<0.05%
HRL3024S350N
0 to +600V
50.0mA
50mA
1.5A
0.01%
HRL3024S600P
0 to -600V
50.0mA
50mA
1.5A
0.01%
HRL3024S600N
0 to +1000V
30.0mA
50mA
1.5A
0.04%
HRL3024S1K0P
0 to -1000V
30.0mA
50mA
1.5A
0.04%
HRL3024S1K0N
0 to +1500V
20.0mA
50mA
1.5A
<0.05%
HRL3024S1K5P
0 to -1500V
20.0mA
50mA
1.5A
<0.05%
HRL3024S1K5N
0 to +2000V
15.0mA
50mA
1.5A
<0.05%
HRL3024S2K0P
0 to -2000V
15.0mA
50mA
1.5A
<0.05%
HRL3024S2K0N
0 to +2500V
12.0mA
100mA
1.5A
<0.05%
HRL3024S2K5P
0 to -2500V
12.0mA
100mA
1.5A
<0.05%
HRL3024S2K5N
0 to +3000V
10.0mA
100mA
1.5A
<0.05%
HRL3024S3K0P
0 to -3000V
10.0mA
100mA
1.5A
<0.05%
HRL3024S3K0N
0 to +4000V
7.5mA
100mA
1.5A
<0.05%
HRL3024S4K0P
0 to -4000V
7.5mA
100mA
1.5A
<0.05%
HRL3024S4K0N
0 to +5000V
6.0mA
100mA
1.5A
0.04%
HRL3024S5K0P
0 to -5000V
6.0mA
100mA
1.5A
0.04%
HRL3024S5K0N
0 to +6000V
5.0mA
100mA
1.5A
0.04%
HRL3024S6K0P
0 to -6000V
5.0mA
100mA
1.5A
0.04%
HRL3024S6K0N(1)
The HRL30 series, is a miniature 30W regulated high voltage DC-DC converter product line providing
voltages up to 6kV. HRL30 offers both voltage and current mode controls and monitors. This product
deploys a proprietary design topology which delivers accurate high voltage at higher efficiency with low
EMI. This product has constant voltage and constant current operation with automatic crossover to
current limiting mode preventing the delivered current from exceeding the programmed current level. It
has digital compatible voltage and current monitors and controls to make it a convenient product for
wide range of high voltage applications


Similar Part No. - HRL30

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HRL36030M38X SCHNEIDER-HRL36030M38X Datasheet
126Kb / 2P
Motor circuit protector, PowerPact H, 30A, 3 pole, 600V, 100kA
Jul 27, 2020
HRL36030M71 SCHNEIDER-HRL36030M71 Datasheet
125Kb / 2P
Motor circuit protector, PowerPact H, 30A, 3 pole, 600V, 100kA
Jul 14, 2020
HRL36050M38X SCHNEIDER-HRL36050M38X Datasheet
125Kb / 2P
Motor circuit protector, PowerPact H, 50A, 3 pole, 600V, 100kA
Jul 27, 2020
HRL36050M72 SCHNEIDER-HRL36050M72 Datasheet
125Kb / 2P
Motor circuit protector, PowerPact H, 50A, 3 pole, 600V, 100kA
Jul 27, 2020
HRL36060CU31X SCHNEIDER-HRL36060CU31X Datasheet
144Kb / 2P
Circuit breaker, PowerPact H, Micrologic 3.2, 60A, 3 pole, 600V, 100kA, 100% rated
Jul 27, 2020
More results

Similar Description - HRL30

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
54mm 1U Front End HVDC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com