Electronic Components Datasheet Search
  English  ▼

X  

DDR1732SC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DDR1732SC
Description  Single-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 32??Monitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1732SC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DDR1732SC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1732SC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DDR1732SC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Single-Display Monitor Arm with Desk Clamp and
Grommet - Height Adjustable, 17” to 32”
Monitors
MODEL NUMBER: DDR1732SC
Mounts one monitor to your workspace using either clamp or grommet and allows one-touch vertical
adjustment via easy-grip knob.
Features
Low-Profile Monitor Desk Mount Makes It Easy to Adjust the Height of Your Monitor
Adjusting the height of desktop flat-panel displays at home or the office often requires a lot of effort –
loosening fasteners, moving the monitor up and down, tightening knobs to secure the monitor in place.
With the Tripp Lite DDR1732SC, all it takes is a simple turn of the easy-grip knob on the back of the
vertical support for fast one-touch adjustment from 10.2 to 17.7 inches. The monitor arm is compatible
with flat-panel screens ranging from 17 to 32 inches.
Choose Clamp or Grommet Mounting to Match Your Preference
This monitor mount includes a clamp for attaching it to the edge of a desk or table and a grommet for
secure mounting through the desktop. The clamp supports surfaces ranging from 0.4 to one inch thick.
Grommet mounting works with surfaces from 0.4 to 1.6 inches thick. Maximum weight capacity is 17.6
pounds. Cables are efficiently wrangled through the rear of the arm to keep them organized.
Swivel, Tilt and Rotate the Screen to Find the Perfect and Most Comfortable Viewing Angle
This monitor-arm desk mount adjusts independently to optimize viewing angles and improve ergonomics.
To minimize screen glare, reduce eye fatigue and increase viewing comfort, the mount features -10° to
+10° tilt, 10° swivel and 180° rotation for position your screen in portrait or landscape orientation. Easy
screen adjustment lets you quickly find just the right angle without interrupting your workday. The slim
design makes this single-monitor mount ideal for sit-stand workstations.
VESA-Compliant Mounting Ensures Display Compatibility
VESA (Video Electronics Standards Association) promotes uniformity in the video electronics industry by
developing standards for TVs and monitors. For hassle-free display compatibility, this mount supports the
following VESA mounting hole patterns: 75 x 75 and 100 x 100. Mounting hardware is included.
Sure to Stand Up to Frequent Use
The durable steel frame withstands the stress of repeated adjustments. Its scratch-resistant powder-
coated finish tolerates frequent handling and blends easily into any home or office décor.
Highlights
Low-profile monitor arm
attaches to your desktop with
either clamp or grommet mount
q
One-touch adjustment lets you
view the monitor at a
comfortable height
q
Offers -10° to +10° tilt, 10°
swivel and 180° rotation to help
you find the perfect angle
q
Durable steel construction
blends into any décor and
supports up to 17.6 lb.
q
Display cables attach to slim
mount to reduce clutter and
keep cords organized
q
Applications
Adjust the height of your desk
monitor with just a twist of a
knob, instead of loosening and
tightening multiple fasteners and
handles
q
Mount a monitor to your sit-
stand desk or workstation
without taking up much valuable
surface space
q
Swivel, tilt and/or rotate your
screen for the most comfortable
viewing angle
q
Package Includes
DDR1732SC Single-Display
Monitor Arm, 17” to 32” Monitors
q
Mounting hardware
q
Owner’s manual
q
1 / 3


Similar Part No. - DDR1732SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1732SAL TRIPPLITE-DDR1732SAL Datasheet
174Kb / 2P
Single-Display Flex-Arm Desktop Clamp for 13??to 34??Displays - USB and Audio Ports, Aluminum
More results

Similar Description - DDR1732SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1327NBMSC TRIPPLITE-DDR1327NBMSC Datasheet
515Kb / 2P
Full Motion Dual Desk Clamp for 13 to 27" monitors and laptops up to 15"||" "696120
Full-Motion Desk Mount for 13" to 27" Flat-Screen
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
logo
List of Unclassifed Man...
RCM-17 ETC2-RCM-17 Datasheet
269Kb / 2P
Compact 17??rack mount display monitor with 8U height
logo
Tripp Lite. All Rights ...
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
WorkWise Standing Desk-Clamp Workstation, Single-Monitor
DMCS1732S TRIPPLITE-DMCS1732S Datasheet
158Kb / 3P
Mobile Workstation with Monitor Mount - For 17" to 32" Displays, Height Adjustable
WWSSRDSTC TRIPPLITE-WWSSRDSTC Datasheet
162Kb / 2P
Rolling Desk TV/Monitor Cart - Height Adjustable
DDR1727DC TRIPPLITE-DDR1727DC Datasheet
166Kb / 2P
Dual-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 27??Monitors
DDV1727S TRIPPLITE-DDV1727S Datasheet
161Kb / 2P
Single-Display Monitor Stand - Height Adjustable, 17??to 27??Monitors
DDR1730TAL TRIPPLITE-DDR1730TAL Datasheet
182Kb / 2P
Triple-Display Flex-Arm Desktop Clamp for 17??to 30??Flat-Screen Displays - USB and Audio Ports, Aluminum
DDR1732DAL TRIPPLITE-DDR1732DAL Datasheet
179Kb / 2P
Dual-Display Flex-Arm Mount for 13??to 34??Monitors - Clamp or Grommet, USB, Audio Ports
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com