Electronic Components Datasheet Search
  English  ▼

X  

PSA3280C Datasheet(PDF) 2 Page - Z-Communications, Inc

Part # PSA3280C
Description  LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PSA3280C Datasheet(HTML) 2 Page - Z-Communications, Inc

  PSA3280C Datasheet HTML 1Page - Z-Communications, Inc PSA3280C Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
32 20
32 30
32 40
32 50
32 60
32 70
32 80
32 90
33 00
33 10
33 20
0
0 . 4
0 . 8
1 . 2
1. 6
2
2. 4
2 . 8
3. 2
3 . 6
4
-5
-4
-3
-2
-1
0
1
2
3
4
5
3 227
3 237
32 47
325 6
326 5
3 27 3
3 281
3 289
32 96
330 4
331 1
LOW COST - HIGH PERFORMANCE
PHASE LOCKED LOOP
© Z-Communications, Inc.
Page 2
Printed in the U.S.A.
PSA3280C
VCO POWER CURVE, typ.
PAGE 2
PHYSICAL DIMENSIONS
17
19
15
13
1
2
3
4
8
10
12
24
22
20
5
6
7
911
14
16
18
21
23
TOP
P1 RF OUTPUT
P2-4 GROUND
P5 REFERENCE OSCILLATOR INPUT
P6 GROUND
P7 CLOCK
P8 DATA
P9 GROUND
P10 LOAD ENABLE
P11 GROUND
P12 LOCK DETECT
P13 VCC
P14 GROUND
P15 GROUND
P16 GROUND
P17 NO CONNECTION
P18-24 GROUND
TABS RANGE:
SEE NOTE 5
(4 PLACES)
DETAIL A
.015
.030
.055
DETAIL B (TYP)
(8 PLACES)
1.
The inside radius of all 24 half holes at the perimeter of
the board are plated to provide a surface for the
attachment of the PLL Module to the PCB. 16 pads are
for grounding, 8 pads are for signal interface.
2.
The surface of the shield is tin-plated and may be
soldered to. The shield’s base metal is cold-rolled steel.
3.
The ground plane on the bottom side is ground and
attaches to a ground track on the top side of the board
as well as to the shield.
4.
Unless otherwise noted all dimensions are in inches.
5.
Unless otherwise noted all tolerances are as follows:
.xxx =
± .010.
SEE DETAIL A
SEE DETAIL B
PIN 1
BOTTOM
.000
.153
.238
.323
.408
.493
.578
.663
-.025
.841
.816
SIDE VIEW
°c
25
VCO TUNING CURVE, typ.
TUNING VOLTAGE (Vdc)
°c
25
°c
85
°c
-40
FREQUENCY (MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com