Electronic Components Datasheet Search
  English  ▼

X  

CS3301-IS Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS3301-IS
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301-IS Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS3301-IS Datasheet HTML 4Page - Cirrus Logic CS3301-IS Datasheet HTML 5Page - Cirrus Logic CS3301-IS Datasheet HTML 6Page - Cirrus Logic CS3301-IS Datasheet HTML 7Page - Cirrus Logic CS3301-IS Datasheet HTML 8Page - Cirrus Logic CS3301-IS Datasheet HTML 9Page - Cirrus Logic CS3301-IS Datasheet HTML 10Page - Cirrus Logic CS3301-IS Datasheet HTML 11Page - Cirrus Logic CS3301-IS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CS3301
8
DS595F2
DIGITAL CHARACTERISTICS
Notes: 17. Device is intended to be driven with CMOS logic levels.
18. When CLK is tied to DGND, an internal oscillator provides a master clock at approximately 2 MHz. CLK
should be driven for synchronous system operation.
Parameter
Symbol
CS3301
Unit
Min
Typ
Max
Digital Characteristics
High Level Input Drive Voltage
(Note 17)VIH
0.6*VD
-
VD
V
Low Level Input Drive Voltage
(Note 17)VIL
0.0
-
0.8
V
Input Leakage Current
IIN
-+1+10
µA
Digital Input Capacitance
CIN
-9
-
pF
Rise Times, Digital Inputs Except CLK
tRISE
--
100
ns
Fall Times, Digital Inputs Except CLK
tFALL
--
100
ns
Master Clock Specifications
Master Clock Frequency
(Note 18)fCLK
2.0
2.048
2.2
MHz
Master Clock Duty Cycle
fDTY
40
-
60
%
Master Clock Rise Time
tRISE
-
-
25
ns
Master Clock Fall Time
tFALL
-
-
25
ns
Master Clock Jitter (In-Band or Aliased In-Band)
JTRIB
--
300
ps
Master Clock Jitter (Out-of-Band)
JTROB
--
1
ns
0.9 * V D
0.1 * V D
t fa ll
t rise
Figure 2. Digital Input Rise and Fall Times
Gain Selection
GAIN2
GAIN1
GAIN0
x1
0
0
0
x2
0
0
1
x4
0
1
0
x8
0
1
1
x16
1
0
0
x32
1
0
1
x64
1
1
0
reserved
1
1
1
Input Selection
MUX1
MUX0
800
Ω termination
0
0
INA only
1
0
INB only
0
1
INA + INB
1
1
Table 1. Digital Selections for Gain and Input Mux Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com