Electronic Components Datasheet Search
  English  ▼

X  

FTA1774 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1774
Description  General Purpose Transistors PNP Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1774 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1774 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1774 Datasheet HTML 2Page - First Silicon Co., Ltd FTA1774 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
BASE
COLLECTOR
3
General Purpose Transistors
PNP Silicon
2
EMITTER
1
3
2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
−60
V
V
V
A (DC)
C
C
−50
−6
−0.15
W
0.15
150
−55~ +150
Symbol
Limits
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−50
−6
−
−
120
−
−
−
−
−
−
−
−
−
−
140
4.0
−
−
−
−0 1
−0 1
560
−0 5
−
5.0
V
IC=−50µA
IC=−1µA
IE=−50µA
VCB=−60V
VEB=−6V
VCE=−6V, IC=−1mA
IC/IB=−50mA/−5mA
VCE=−12V, IE=2mA, f=30MHz
VCB=−12V, IE=0A, f=1MHz
V
V
µA
µA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
SC-89
Item
Q
R
S
hFE
120~270
180~390
270~560
FTA1774QT1G=FQ
FTA1774ST1G=FS
FTA1774RT1G=FR
ORDERING INFORMATION
Device
Marking
Shipping
FTA1774XT1G
3000/Tape & Reel
FX
10000/Tape & Reel
FX
FTA1774XT3G
Absolute maximun ratings (Ta=25℃)
Electrical characteristics (Ta=25℃)
Device markeing
hFE values are classified as follows :
2008. 4. 18
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTA1774
Revision No : 0


Similar Part No. - FTA1774

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1012D FS-FTA1012D Datasheet
270Kb / 3P
TRANSISTOR (PNP)
FTA1015 FS-FTA1015 Datasheet
267Kb / 2P
PNP Transistor
FTA1020 FS-FTA1020 Datasheet
164Kb / 2P
Power Amplifier Applications
FTA1023 FS-FTA1023 Datasheet
167Kb / 2P
TRANSISTOR (PNP)
FTA1036K FS-FTA1036K Datasheet
153Kb / 4P
Medium Power Transistor
More results

Similar Description - FTA1774

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1774QT1G LRC-L2SA1774QT1G_11 Datasheet
241Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
General Purpose Transistors PNP Silicon
LBC807-16WT1G LRC-LBC807-16WT1G Datasheet
69Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC807-25-TP MCC-BC807-25-TP Datasheet
286Kb / 3P
PNP Silicon General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com