Electronic Components Datasheet Search
  English  ▼

X  

FTA8550S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA8550S
Description  General Purpose Transistors PNP Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA8550S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA8550S Datasheet HTML 1Page - First Silicon Co., Ltd FTA8550S Datasheet HTML 2Page - First Silicon Co., Ltd FTA8550S Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Transistors
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector-Emitter Voltag
CEO
Collector-Base Voltag
CBO
Emitter-Base Voltag
EBO
Collector Current-continuou
C
1500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
D
T =25℃
A
mW/ C
θ
D
mW/ C
1
3
2
SOT–23
1
BASE
2
EMITTER
COLLECTOR
3
PNP Silicon
FEATURE
High current capacity in compact package.
IC =1.5A.
Epitaxial planar type.
PNP complement: FTC8050S
Pb-Free Package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
FTA8550SPLT1G
1HB
(Pb-Free)
FTA8550SQLT1G
1HD
(Pb-Free)
3000/Tape&Reel
Shipping
3000/Tape&Reel
2007. 6. 20
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTA8550S
Revision No : 1
Total Device Dissipation FR-5 Board,(1)
P
Derate above 25℃
1.8
V
V
V
I
5
40
25
V
V
V
225
mW
Thermal Resistance,Junction to Ambient
R JA
Total Device Dissipation
Alumina Substrate,(2) TA=25℃
Derate above 25℃
Thermal Resistance,Junction to Ambient
Junction and Storage Temperature
P
θ
R JA
j
T , T
556
300
2.4
417
mW
C/W
C/W
-55 to +150
C
stg


Similar Part No. - FTA8550S

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA8550 FS-FTA8550 Datasheet
199Kb / 2P
TRANSISTOR (PNP)
FTA8550H FS-FTA8550H Datasheet
289Kb / 4P
General Purpose Transistors PNP Silicon
More results

Similar Description - FTA8550S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1774QT1G LRC-L2SA1774QT1G_11 Datasheet
241Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
General Purpose Transistors PNP Silicon
LBC807-16WT1G LRC-LBC807-16WT1G Datasheet
69Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC807-25-TP MCC-BC807-25-TP Datasheet
286Kb / 3P
PNP Silicon General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com