Electronic Components Datasheet Search
  English  ▼

X  

FTB772 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTB772
Description  AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB772 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTB772 Datasheet HTML 1Page - First Silicon Co., Ltd FTB772 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AUDIO FREQUENCY POWER AMPLIFIER
LOW SPEED SWITCHING
FEATURES
Complementary to FTD882.
MAXIMUM RATING (Ta=25
)
ELECTRICAL CHARACTERISTICS (Ta=25
)
* Pulse Test : Pulse Width
350 S, Duty Cycle
2% Pulsed
Note: hFE(2) Classification
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
DC
IC
-3
A
Collector Power
Dissipation
Ta=25
PC
1.25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-30V, IE =0
-
-
-1
2008. 5. 20
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTB772
Revision No : 0
Emitter-Cut-off Current
IEBO
VEB =-3V, I C =0
-
-
-1
DC Current Gain
*
Collector-Emitter Saturation Voltage
*
Base-Emitter Saturation Voltage
*
Current Gain Bandwidth Product
hFE
VCE =-2V, I C =-1A
-
400
60
A
A
VCE(sat)
VBE(sat)
f T
B =-0.2A
I C =-2A, I
B =-0.2A
I C =-2V, I
C =-0.1A
I CE =-5V, I
-
-
-
80
-
-
-0.5
-1.5
-
V
V
MHz
R : 60~120, O : 100~200, Y : 160~320, GR : 200~400
1 EMITTER
2 COLLECTOR
3 BASE
TO-126
A
B
DIM
MILLIMETERS
8.3 MAX
A
B
11.3±0.3
C
C
4.15 TYP
D
D
3.2±0.2
E
E
2.0±0.2
F
F
2.8±0.1
G
3.2±0.1
G
H
H
1.27±0.1
I
I
1.40±0.1
K
K
15.5±0.2
L
L
0.76±0.1
M
M
2.28 TYP
O
P
O
4.56±0.1
P
0.6 MAX
1
2
3


Similar Part No. - FTB772

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTB772D FS-FTB772D Datasheet
250Kb / 2P
TRANSISTOR
FTB772F FS-FTB772F Datasheet
345Kb / 2P
PNP TRANSISTOR
FTB772S FS-FTB772S Datasheet
251Kb / 2P
TRANSISTOR
FTB772T FS-FTB772T Datasheet
499Kb / 3P
TRANSISTOR (PNP)
More results

Similar Description - FTB772

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359 Datasheet
154Kb / 2P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER. LOW SPEED SWITCHING)
logo
Samsung semiconductor
KSB772 SAMSUNG-KSB772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
KSD882 SAMSUNG-KSD882 Datasheet
202Kb / 6P
NPN (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
Audio Frequency Power Amplifier,Low Speed Switching
2SD795 ETC-2SD795 Datasheet
42Kb / 1P
Audio Frequency Power Amplifier,Low Speed Switching
2SD809 ETC-2SD809 Datasheet
39Kb / 1P
Audio Frequency Power Amplifier,Low Speed Switching
logo
Continental Device Indi...
CSB772 CDIL-CSB772 Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882S FS-FTD882S Datasheet
218Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com