Electronic Components Datasheet Search
  English  ▼

X  

FTB772F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTB772F
Description  PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB772F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTB772F Datasheet HTML 1Page - First Silicon Co., Ltd FTB772F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2013. 01. 03
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTB772F
Revision No : 0
FTB772F
PNP TRANSISTOR
FEATURES
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current -Continuous
-3
A
PC
Collector Power Dissipation(Tc=25℃)
RӨJA
Thermal Resistance, junction to Ambient
250
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100
μA ,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10mA , IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100
μA,IC=0
-6
V
Collector cut-off current
ICBO
VCB= -40V, IE=0
-1
μA
Collector cut-off current
ICEO
VCE=-30V, IB=0
-10
μA
Emitter cut-off current
IEBO
VEB=-6V, IC=0
-1
μA
DC current gain
hFE
VCE= -2V, IC= -1A
60
400
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB= -0.2A
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB= -0.2A
-1.5
V
Transition frequency
fT
VCE= -5V, IC=-0.1A
f =10MHz
50
80
MHz
CLASSIFICATION OF hFE
Rank
R
G
Y
O
R
Range
60-120
100-200
160-320
200-400
0.5
W
SOT-89
G
D
A
C
K
H
F
1
2
3
F
D
1. BASE
2. COLLECTOR
3. EMITTER
MIN
NOR
MAX
A
4.45
C
1.4
1.5
1.6
F
1.4
1.5
1.6
H
1.5
1.55
1.6
J
0.9
1.05
1.2
K
0.4
0.5
0.65
MILLIMETERS
DIM
4 50
4.65
D
0.3
0.45
0.6
B
2.35
2.5
2.65
E
3.95
4.10
4.25
G
0.35
0.4
0.45
* Audio Frequncy POWER AMPLIFIER
* High Speed Switching Time : tstg=1.0us(Typ.)
* HIGH CURRENT APPLICATION


Similar Part No. - FTB772F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTB772 FS-FTB772 Datasheet
117Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTB772D FS-FTB772D Datasheet
250Kb / 2P
TRANSISTOR
FTB772S FS-FTB772S Datasheet
251Kb / 2P
TRANSISTOR
FTB772T FS-FTB772T Datasheet
499Kb / 3P
TRANSISTOR (PNP)
More results

Similar Description - FTB772F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com