Electronic Components Datasheet Search
  English  ▼

X  

3240545 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3240545
Description  Ferrule - AI-WM 1,5-8 WH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240545 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3240545 Datasheet HTML 1Page - PHOENIX CONTACT 3240545 Datasheet HTML 2Page - PHOENIX CONTACT 3240545 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/3240545
11/04/2014   Page 1 / 3
Ferrule - AI-WM 1,5-8 WH - 3240545
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Ferrule with insulating collar that can be labeled. When using the magazine, the ferrules can be labeled with
BLUEMARK.
Product Features
 Corresponding crimping pliers from the TOOL fox tool range can be found in the CLIPLINE catalog, part 2
 Ferrules can be labeled with BLUEMARK
 Crimping and marking in one step
 Ferrules made from electrolytic copper
 Highly resistant and optimum printing quality thanks to modern UV printing technology
 Electrogalvanized
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
780 pc
Weight per Piece (excluding packing)
0.23 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length (b)
29.5 mm
Width (a)
4.6 mm
Sleeve length
8 mm
Inner dimension of the insulating collar (d)
3.4 mm
Ferrule diameter
2.1 mm
Sleeve wall thickness
0.15 mm
Inner diameter (f)
1.8 mm


Similar Part No. - 3240545

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
324054 MACOM-324054 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
PHOENIX CONTACT
3240540 PHOENIX-3240540 Datasheet
51Kb / 3P
Connector - C-SCFFI 2,5/4,8X0,8
3240541 PHOENIX-3240541 Datasheet
51Kb / 3P
Connector - C-SCFFI 6/6,3X0,8
3240542 PHOENIX-3240542 Datasheet
54Kb / 3P
Ferrule - AI-WM 0,5-8 WH
3240543 PHOENIX-3240543 Datasheet
54Kb / 3P
Ferrule - AI-WM 0,75-8 GY
More results

Similar Description - 3240545

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200104 PHOENIX-1200104 Datasheet
65Kb / 2P
Ferrule - AI 0,5-8 WH S1
1200107 PHOENIX-1200107 Datasheet
65Kb / 2P
Ferrule - AI 1,5-8 BK S1
1208966 PHOENIX-1208966 Datasheet
58Kb / 3P
Ferrule - AI 0,5 - 8 WH-GB
3202892 PHOENIX-3202892 Datasheet
58Kb / 3P
Ferrule - AI 1,5 - 8 BK-GB-1000
3240542 PHOENIX-3240542 Datasheet
54Kb / 3P
Ferrule - AI-WM 0,5-8 WH
3240543 PHOENIX-3240543 Datasheet
54Kb / 3P
Ferrule - AI-WM 0,75-8 GY
3240544 PHOENIX-3240544 Datasheet
54Kb / 3P
Ferrule - AI-WM 1-8 RD
3240572 PHOENIX-3240572 Datasheet
52Kb / 3P
Ferrule - AI-WM 2,5-8 BU
3240663 PHOENIX-3240663 Datasheet
68Kb / 3P
Ferrule - AI 0,5-8 WH-B 3000
3240677 PHOENIX-3240677 Datasheet
66Kb / 3P
Ferrule - AI 0,75-8 WH-B 3000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com