Electronic Components Datasheet Search
  English  ▼

X  

CDB4364 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CDB4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4364 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CDB4364 Datasheet HTML 28Page - Cirrus Logic CDB4364 Datasheet HTML 29Page - Cirrus Logic CDB4364 Datasheet HTML 30Page - Cirrus Logic CDB4364 Datasheet HTML 31Page - Cirrus Logic CDB4364 Datasheet HTML 32Page - Cirrus Logic CDB4364 Datasheet HTML 33Page - Cirrus Logic CDB4364 Datasheet HTML 34Page - Cirrus Logic CDB4364 Datasheet HTML 35Page - Cirrus Logic CDB4364 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
DS619A1
CS4364
4. REGISTER QUICK REFERENCE
5. REGISTER DESCRIPTION
Addr
Function
7
6
5
4
3
2
1
0
01h
Chip Revision
PART4
PART3
PART2
PART1
PART0
REV
REV
REV
default
0
1
1
0
0
x
x
x
02h
Mode Control
CPEN
FREEZE
DSD/PCM
Reserved
DAC3_DIS DAC2_DIS DAC1_DIS
PDN
default
0
0
0
0
000
1
03h
PCM Control
DIF3
DIF2
DIF1
DIF0
Reserved
Reserved
FM1
FM0
default
0
0
0
0
001
1
04h
DSD Control
DSD_DIF2 DSD_DIF1 DSD_DIF0
DIR_DSD
STATIC_D
SD
INVALID_D
SD
DSD_PM_
MD
DSD_PM_
EN
default
0
0
0
0
100
0
05h
Filter Control
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
FILT_SEL
default
0
0
0
0
000
0
06h
Invert Control
Reserved
Reserved
INV_B3
INV_A3
INV_B2
INV_A2
INV_B1
INV_A1
default
0
0
0
0
000
0
07h
Group Control
MUTEC1
MUTEC0
Reserved
P1_A=B
P2_A=B
P3_A=B
Reserved
SNGLVOL
default
0
0
0
0
000
0
08h
Ramp and Mute
SZC1
SZC0
RMP_UP
RMP_DN
PAMUTE
DAMUTE
MUTE_P1
MUTE_P0
default
1
0
1
1
110
0
09h
Mute Control
Reserved
Reserved
MUTE_B3
MUTE_A3
MUTE_B2
MUTE_A2
MUTE_B1
MUTE_A1
default
0
0
0
0
000
0
0Ah
Mixing Control
Pair 1 (AOUTx1)
Reserved
P1_DEM1
P1_DEM0
P1ATAPI4
P1ATAPI3
P1ATAPI2
P1ATAPI1
P1ATAPI0
default
0
0
0
0
100
1
0Bh
Vol. Control A1
A1_VOL7
A1_VOL6
A1_VOL5
A1_VOL4
A1_VOL3
A1_VOL2
A1_VOL1
A1_VOL0
default
0
0
0
0
000
0
0Ch
Vol. Control B1
B1_VOL7
B1_VOL6
B1_VOL5
B1_VOL4
B1_VOL3
B1_VOL2
B1_VOL1
B1_VOL0
default
0
0
0
0
000
0
0Dh
Mixing Control
Pair 2 (AOUTx1)
Reserved
P2_DEM1
P2_DEM0
P2ATAPI4
P2ATAPI3
P2ATAPI2
P2ATAPI1
P2ATAPI0
default
0
0
0
0
100
1
0Eh
Vol. Control A2
A2_VOL7
A2_VOL6
A2_VOL5
A2_VOL4
A2_VOL3
A2_VOL2
A2_VOL1
A2_VOL0
default
0
0
0
0
000
0
0Fh
Vol. Control B2
B2_VOL7
B2_VOL6
B2_VOL5
B2_VOL4
B2_VOL3
B2_VOL2
B2_VOL1
B2_VOL0
default
0
0
0
0
000
0
10h
Mixing Control
Pair 3 (AOUTx1)
Reserved
P3_DEM1
P3_DEM0
P3ATAPI4
P3ATAPI3
P3ATAPI2
P3ATAPI1
P3ATAPI0
default
0
0
0
0
100
1
11h
Vol. Control A3
A3_VOL7
A3_VOL6
A3_VOL5
A3_VOL4
A3_VOL3
A3_VOL2
A3_VOL1
A3_VOL0
default
0
0
0
0
000
0
12h
Vol. Control B3
B3_VOL7
B3_VOL6
B3_VOL5
B3_VOL4
B3_VOL3
B3_VOL2
B3_VOL1
B3_VOL0
default
0
0
0
0
000
0
16h
PCM clock mode Reserved
Reserved
MCLKDIV
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
0
0
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com