Electronic Components Datasheet Search
  English  ▼

X  

CDB4382 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4382
Description  114 dB, 192 kHz 8-Channel D/A Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4382 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4382 Datasheet HTML 9Page - Cirrus Logic CDB4382 Datasheet HTML 10Page - Cirrus Logic CDB4382 Datasheet HTML 11Page - Cirrus Logic CDB4382 Datasheet HTML 12Page - Cirrus Logic CDB4382 Datasheet HTML 13Page - Cirrus Logic CDB4382 Datasheet HTML 14Page - Cirrus Logic CDB4382 Datasheet HTML 15Page - Cirrus Logic CDB4382 Datasheet HTML 16Page - Cirrus Logic CDB4382 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
CS4382
DS514F1
13
Dig ita l
A udio
S ource
VL S
C S 438 2
MC L K
VD
AO U T A 1 +
10
8
32
0.1 µ F
+
1 µ F
+ 3 .3 V to + 5 V
SD IN 1
9
1 µ F
0.1 µ F
+
+
20
21
FIL T +
VQ
7
6
LR C K 1
SC L K 1
SD IN 3
SD IN 2
39
40
0.1 µ F
47 µ F
VA
0.1 µ F
+
1 µ F
0.1 µ F
+ 1 .8 V to + 5 V
+5 V
4
43
SD IN 4
LR C K 2
SC L K 2
13
14
A nalog C onditioning
an d M u ting
AO U T A 1 -
AO U T B 1 +
38
37
A nalog C onditioning
an d M u ting
AO U T B 1 -
AO U T A 2 +
35
36
A nalog C onditioning
and M u ting
AO U T A 2 -
AO U T B 2 +
34
33
A nalog C onditioning
and M u ting
AO U T B 2 -
AO U T A 3 +
29
30
A nalog C onditioning
and M u ting
AO U T A 3 -
AO U T B 3 +
28
27
A nalog C onditioning
and M u ting
AO U T B 3 -
AO U T A 4 +
25
26
A nalog C onditioning
and M u ting
AO U T A 4 -
AO U T B 4 +
24
23
A nalog C onditioning
and M u ting
AO U T B 4 -
M U T E C 234
22
41
Mu te
Driv e
MU T E C 1
11
12
PCM
31
GN D
GN D
5
S tand-A lone
M ode
C onfiguratio n
VL C
0.1 µ F
+ 1 .8 V to + 5 V
18
DS D
A udio
S ource
2
48
DS DB 2
3
42
M3 (D S D _ S C L K )
DS DA 1
DS D B 3
DS D A 3
DS D A 4
DSD B 1
DS D A 2
46
45
47
1
44
DSD B 4
16
15
M2
M1
M0
RS T
19
17
47 K
Ω
VL S
No te DS D
No te DS D : F o r D S D operation:
1) LR C K 1 m u st be tied to V L S and
re m a in static high.
2) M 3 P C M stand-alone configuratio n
pin becom es D S D _ S C LK
Mu te
Driv e
47 K
Ω
No te DS D
No te VLC
No te VL C : If serie s re sis tors are
used they m u st be < 1 kO hm . If
possible tie V L C to the V D supply
to reduce possible ex cess current
consum ption from V L C .
Figure 6. Typical Connection Diagram Stand-Alone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com