Electronic Components Datasheet Search
  English  ▼

X  

TP5299 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TP5299
Description  ECHO PROCESSOR IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP5299 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TP5299 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP5299 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP5299 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP5299 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP5299 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP5299 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP5299 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP5299 Datasheet HTML 8Page - List of Unclassifed Manufacturers TP5299 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Print
Page 2 of 2
TOPRO CONFIDNETIAL
2003/7/28 Print
表單編號 QW730101-05A
TP5299
Echo Processor IC
G
Ge
en
ne
erra
all S
Sp
pe
ec
ciiffiic
ca
attiio
on
n
TP5299 is an echo audio processor IC utilizing CMOS Technology which is equipped
with ADC and DAC,high sampling frequency and an internal memory of 48K Digital
processing is use to generate the delay time,it also features an internal VCO(Voltage
Control OSC)circuit in the system clock,thereby,making the frequency easily
adjustable.TP5299 boast of very low distortion(THD < 0.5%)and very low noise(No <
-90dBV)
,thus producing high quality audio output .The pin assignments and application
circuit are optimized for easy PCB layout and cost saving advantage.
FEATURES
□
Low Noise,No < -90dBV Typical
□
Low Distortion,THD< 0.5 % Typical
□
Least External Components
□
Auto Reset Function
□
External Adjustable VCO
□
Low Idd
APPLICATION
□
Video Tape Recorder
□
Video Compact Disk
□
Television
□
CD Player
□
Car Stereo
□
KARAOKE Mixer
□
Electronic Musical Instrument
□
Audio Equipment with Echo Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com