Electronic Components Datasheet Search
  English  ▼

X  

351102 Datasheet(PDF) 1 Page - Adels-Contact

Part # 351102
Description  SMDflat 345/ 2 white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

351102 Datasheet(HTML) 1 Page - Adels-Contact

  351102 Datasheet HTML 1Page - Adels-Contact 351102 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03/01/2020
SMD Connectors
SMDflat 345/ 2 white
Terminal Block, Pin Spacing: 4.0 mm, 2 pole, Current Rating: 6 A,
Voltage Rating: 250 V, Connection Type: screwless
Order Info
Reference Number (ref. no.)
351102
Applications
Lighting
PU
1,500 (tape-on-reel)
EAN
4028012112456
Type
Type
Terminal Block
Number of poles
2 pole
Clamping Units per Pole
1
Colour
white
Connection Type
screwless
Technical Data
Voltage Rating
250 V
Current Rating
6 A
Insulating Material
PPA-GF
Contact Material
Spring Steel, Copper
Core Cross-Section min.
0.2 mm²
Core Cross-Section max.
0.75 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-0
max. Ambient Temperature Operation
105 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
8.0-9.0 mm
Pin Spacing
4.0 mm
Lower Limit Temperature
-40 °C
Upper Limit Temperature
150 °C
Vertical Stripping Length
8.0-9.0 mm
Approbation EN60947
SMDflat345_EN60947_20160524_VDE_40044300_web.pdf
Approbation UL
SMDflat 345_20150710_UL_E220480_1-02_ web.pdf


Similar Part No. - 351102

ManufacturerPart #DatasheetDescription
logo
Lumberg
351102 LUMBERG-351102 Datasheet
117Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
DB Lectro Inc
351102 DBLECTRO-351102 Datasheet
156Kb / 1P
LED SMD Connectors Pin Spacing 4.0mm
logo
Lumberg
351102 LUMBERG-351102 Datasheet
560Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 351102

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5103A INFINEON-TDA5103A Datasheet
937Kb / 29P
ASK Transmitter 345 MHz
Version 1.0 March 2001
logo
TAI-SAW TECHNOLOGY CO.,...
TA1418A TAI-SAW-TA1418A Datasheet
400Kb / 7P
SAW Filter 345 MHz
logo
Adels-Contact
351101 ADELS-351101 Datasheet
114Kb / 2P
SMDflat 345/ 1 white
351151 ADELS-351151 Datasheet
113Kb / 1P
SMDflat 345 KU/ 1
351152 ADELS-351152 Datasheet
114Kb / 1P
SMDflat 345 KU/ 2
351199 ADELS-351199 Datasheet
146Kb / 1P
SMDflat WKZ
351401 ADELS-351401 Datasheet
114Kb / 1P
SMDflat 545/ 1
351402 ADELS-351402 Datasheet
115Kb / 1P
SMDflat 545/ 2
351402E ADELS-351402E Datasheet
115Kb / 1P
SMDflat 545/ 2 bridged
351403 ADELS-351403 Datasheet
116Kb / 1P
SMDflat 545/ 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com