Electronic Components Datasheet Search
  English  ▼

X  

CS5541 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5541 Datasheet HTML 11Page - Cirrus Logic CS5541 Datasheet HTML 12Page - Cirrus Logic CS5541 Datasheet HTML 13Page - Cirrus Logic CS5541 Datasheet HTML 14Page - Cirrus Logic CS5541 Datasheet HTML 15Page - Cirrus Logic CS5541 Datasheet HTML 16Page - Cirrus Logic CS5541 Datasheet HTML 17Page - Cirrus Logic CS5541 Datasheet HTML 18Page - Cirrus Logic CS5541 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
CS5541
DS500PP1
15
2.9 Performing Conversions/Calibrations
The CS5541 offers four conversion/self-calibration
modes (if a user requires system calibration, this
can be accommodated in the system microcontrol-
ler). The first mode allows the user to calibrate con-
tinuously between each conversion. The second
mode allows the user to calibrate once after the
command is issued and then continuously convert
on the channel selected using the calibration result.
The third mode allows the user to skip calibration;
however, it performs conversions with the default
calibration coefficients. The final mode allows the
user to use the previous calibration coefficients to
perform continuous conversions on the channel se-
lected. The sections that follow detail the differenc-
es between the conversion modes. The sections
also explain how to decode the conversion word
into the respective flag and data bits.
2.9.1 Continuous Calibrations and Conver-
sions (reduced output rate)
This mode performs an offset and gain calibration
prior to each conversion. Note that the effective
throughput in this mode is reduced by two as a cal-
ibration is performed prior to each conversion.
Nevertheless, after the first command instructing
the ADC to enter this mode is given, an offset cali-
bration is performed followed by a gain calibration.
Then the first data conversion is performed. Subse-
quent conversions are offset calibration followed
by data conversion. Then, a gain calibration is per-
formed followed by a data conversion. The ADC
repetitively steps through this sequence until a new
command is issued.
Note:
The CS5541 offers self calibration where the
ADC calibrates out offset and gain errors due
to the ADC itself. Calibration in the CS5541 is
used to set the zero and gain slope of the
ADC’s transfer function. For the
self-calibration of offset, the converter
internally ties the inputs of the modulator
together and routes them to the VREF- pin as
shown in Figure 12. VREF- must be tied to a
fixed voltage between VA+ and VA-. For
self-calibration of gain, the differential inputs
of the modulator are connected to VREF+
and VREF- as shown in Figure 13. Further
note that each calibration step (offset or gain)
takes one conversion cycle to complete.
However, after the ADC is reset, it is
functional and can perform measurements
without being calibrated (see Perform
Continuous Conversions with Default
Calibration Coefficients section for details). In
this case, the converter will utilize the
initialized values of the on-chip registers
(Offset = 0, Gain = 1.0) to calculate output
words. Any initial offset and gain errors in the
internal circuitry of the chip will remain.
AIN+
AIN-
+
-
VREF-
Figure 12. Self Calibration of Offset.
AIN+
AIN-
+
-
VREF+
VREF-
+
-
Reference
Figure 13. Self Calibration of Gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com