Electronic Components Datasheet Search
  English  ▼

X  

CS7620 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 52Page - Cirrus Logic CS7620 Datasheet HTML 53Page - Cirrus Logic CS7620 Datasheet HTML 54Page - Cirrus Logic CS7620 Datasheet HTML 55Page - Cirrus Logic CS7620 Datasheet HTML 56Page - Cirrus Logic CS7620 Datasheet HTML 57Page - Cirrus Logic CS7620 Datasheet HTML 58Page - Cirrus Logic CS7620 Datasheet HTML 59Page - Cirrus Logic CS7620 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
CS7620
56
DS301PP2
4.41
Compander - Offsets (MSBs)
Default = 0Bh; Read/Write (address 34h)
4.42
Compander - Offset 2 (LSBs)
Default = BFh; Read/Write (address 35h)
Bit Number
765432
10
Bit Name
Reserved
offset29
offset28
offset39
offset38
offset49
offset48
Default
--
001011
Bit
Mnemonic
Function
7:6
-
Reserved
5
offset29
Compander Offset 2: MSBs of offset of second segment of companding
curve. (See Figure 13)
4
offset28
3
offset39
Compander Offset 3: MSBs of offset of third segment of companding curve.
(See Figure 13)
2
offset38
1
offset49
Compander Offset 4: MSBs of offset of fourth segment of companding curve.
(See Figure 13)
0
offset48
Bit Number
765432
10
Bit Name
offset27
offset26
offset25
offset24
offset23
offset22
offset21
offset 20
Default
1
0111111
Bit
Mnemonic
Function
7offset 27
Compander Offset 2: Offset of second segment (offset2[9:0]) of companding
curve. (See Figure 13)
6
offset26
5
offset25
4
offset24
3
offset23
2
offset22
1
offset21
0
offset20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com