Electronic Components Datasheet Search
  English  ▼

X  

CDB6403 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CDB6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB6403 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CDB6403 Datasheet HTML 34Page - Cirrus Logic CDB6403 Datasheet HTML 35Page - Cirrus Logic CDB6403 Datasheet HTML 36Page - Cirrus Logic CDB6403 Datasheet HTML 37Page - Cirrus Logic CDB6403 Datasheet HTML 38Page - Cirrus Logic CDB6403 Datasheet HTML 39Page - Cirrus Logic CDB6403 Datasheet HTML 40Page - Cirrus Logic CDB6403 Datasheet HTML 41Page - Cirrus Logic CDB6403 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Hardware
Power Supply
The CDB6403 requires +5V DC power to oper-
ate. Two terminal blocks provide power to the
evaluation board. One powers the analog side of
the board and the other powers the digital side.
Note that the digital power for the CS6403 itself
is derived from the analog power supply through
a 2
Ω resistor. Figure 1 shows the power supply
circuitry in greater detail.
Near-End Analog Interface
SPKROUT is a screw terminal connector which
allows you to connect directly to an 8
Ω speaker.
J14 and J15 provide the ability to access the
SPKROUT signals before they get to the connec-
tor.
These allow the system evaluator to
implement their own speaker driver in the patch
area and connect it to the SPKROUT connector.
The MICIN connector is a 1/8" stereo jack.
Only the left channel is connected since micro-
phones are usually monophonic.
Note that the
MICIN connector provides phantom power by
default. You may want to use the patch area to
provide an alternative connector.
Microphone Circuitry
A MC33078 dual op-amp performs two neces-
sary functions: provide a clean phantom power
supply, and provide additional input gain. Fig-
ure 2 shows how this circuitry is implemented.
Phantom power is provided via pin 7 of the
MC33078 through a resistor. The input voltage
for this non-inverting amplifier is VCM which is
a stable 1 V reference produced by the CS6403.
The amplifier provides a 2.3x gain to produce a
stable 2.3VDC output for phantom power.
Additional gain is provided by the other half of
the MC33078. The configuration is a differential
amplifier with the swing biased around VCM
(1VDC).
Note that the default gain of the differential am-
plifier is 6dB.
In order to change the gain,
change R105, R104, and C101. It is important
to make sure R104 and R105 are the same value,
and that R101
× C100 is approximately equal to
(R106+R104)
× C101. These conditions will en-
sure good common mode rejection.
J2
P6KE6.8
Z1
1
µF
TANT C2
+
+5VD
DGND
J9
P6KE6.8
Z3
1
µF
TANT C14
+
+5VA
AGND
R5
2
Ω
+5VD1
DGND
+5VD
AGND
+5VA
Figure 1. Power Supply Circiutry
+5VA
VCMOUT
C103
0.1
µF
20k
Ω
R105
20k
Ω
R104
10k
Ω
R101
10k
Ω
R106
1k
Ω
R100
1k
Ω
R107
C100
1
µF
C101
0.33
µF
+
+
+
-
J12
VCM
-
+
VCM
VCMOUT
13k
Ω
R102
10k
Ω
R103
2
3
1
6
5
7
Figure 2. Microphone Phantom Power and Supplemental Amplifier
CDB6403
38
DS192DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com