Electronic Components Datasheet Search
  English  ▼

X  

CDB42416 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CDB42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42416 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CDB42416 Datasheet HTML 31Page - Cirrus Logic CDB42416 Datasheet HTML 32Page - Cirrus Logic CDB42416 Datasheet HTML 33Page - Cirrus Logic CDB42416 Datasheet HTML 34Page - Cirrus Logic CDB42416 Datasheet HTML 35Page - Cirrus Logic CDB42416 Datasheet HTML 36Page - Cirrus Logic CDB42416 Datasheet HTML 37Page - Cirrus Logic CDB42416 Datasheet HTML 38Page - Cirrus Logic CDB42416 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
35
CS42416
5.5.2
ADC ONE_LINE MODE (ADC_OLX)
Default = 00
Function:
These bits select which mode the ADC will use. By default one-line mode is disabled but can be se-
lected using these bits. Please see Figures 10 and 11 to see the format of one-line mode 1 and
one-line mode 2.
5.5.3
DAC ONE_LINE MODE (DAC_OLX)
Default = 00
Function:
These bits select which mode the DAC will use. By default one-line mode is disabled but can be se-
lected using these bits. Please see Figures 10 and 11 to see the format of one-line mode 1 and
one-line mode 2.
5.5.4
CODEC RIGHT JUSTIFIED BITS (CODEC_RJ16)
Default = 0
Function:
This bit determines how many bits to use during right justified mode for the DAC and ADC. By default
the DAC and ADC will be in RJ24 bits but can be set to RJ16 bits.
0 - 24 bit mode.
1 - 16 bit mode.
DIF1
DIF0
Description
Format
Figure
00
Left Justified, up to 24-bit data
09
01
I2S, up to 24-bit data
18
10
Right Justified, 16-bit or 24-bit data
27
11
reserved
--
Table 7. Digital Interface Formats
ADC_OL1
ADC_OL2
Description
Format
Figure
00
DIF: take the DIF setting from reg04h[7:6]
--
01
One-Line #1
310
10
One-Line #2
411
11
reserved
--
Table 8. ADC One_Line Mode
DAC_OL1
DAC_OL2
Description
Format
Figure
00
DIF: take the DIF setting from reg04h[7:6]
--
01
One-Line #1
310
10
One-Line #2
411
11
reserved
--
Table 9. DAC One_Line Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com