Electronic Components Datasheet Search
  English  ▼

X  

FTA719 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA719
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA719 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA719 Datasheet HTML 1Page - First Silicon Co., Ltd FTA719 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
SEMICONDUCTOR
TECHNICAL DATA
FTA719 / 720
2012. 07. 27
1/2
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
2. COLLECTOR
3. BASE
FTA719/FTA720
TRANSISTOR (PNP)
FEATURES
For Low-Frequency Power Amplification
and Driver Amplification
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
FTA719
FTA720
-30
-60
V
VCEO
Collector-Emitter Voltage FTA719
FTA720
-25
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-500
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
FTA719
FTA720
V(BR)CBO
IC= -10uA, IE=0
-30
-60
V
Collector-emitter breakdown voltage
FTA719
FTA720
V(BR)CEO
IC= -10mA ,IB=0
-25
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -10uA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -20V,IE=0
-0.1
uA
Emitter cut-off current
IEBO
VEB= -4V,IC=0
-0.1
uA
hFE(1)
VCE=-10V, IC= -150mA
85
340
DC current gain
hFE(2)
VCE=-10V, IC= -500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-300mA, IB= -30mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC= -300mA, IB=-30mA
-1.5
V
Transition frequency
fT
VCE= -10V, IC= -50mA
f = 200MHz
200
MHz
Collector Output Capacitance
Cob
VCB=-10V,IE=0,f=1MHZ
15
pF
CLASSIFICATION hFE(1)
Rank
S
R
Q
Range
85-170
120-240
170-340


Similar Part No. - FTA719

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA708 FS-FTA708 Datasheet
854Kb / 2P
TRANSISTOR (PNP)
FTA733 FS-FTA733 Datasheet
314Kb / 2P
PNP TRANSISTOR
FTA733B FS-FTA733B Datasheet
355Kb / 2P
PNP TRANSISTOR
FTA733C FS-FTA733C Datasheet
374Kb / 2P
PNP TRANSISTOR
More results

Similar Description - FTA719

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com