Electronic Components Datasheet Search
  English  ▼

X  

FTA733C Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA733C
Description  PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA733C Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA733C Datasheet HTML 1Page - First Silicon Co., Ltd FTA733C Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP TRANSISTOR
MAXIMUM RATINGS (TA=25℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-100
mA
PC
Collector Power Dissipation
250
mW
TJ
Junction Temperature
150
℃
Tstg
Junction and Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= -50uA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA , IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -50uA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -60V, IE=0
-0.1
uA
Emitter cut-off current
IEBO
VEB= -5 V, IC=0
-0.1
uA
DC current gain
hFE
VCE= -6V, IC= -1mA
90
200
600
Collector-emitter saturation voltage
VCE(sat)
IC= -100mA, IB=- 10mA
-0.18
-0.3
V
Base-emitter voltage
VBE
VCE=-6V,IC=-1.0mA
-0.58
-0.62
-0.68
V
Transition frequency
fT
VCE=-6V,IC=-10mA
100
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHZ
6
pF
Noise figure
NF
VCE=-6V,IC=-0.3mA,
Rg=10k
Ω,f=100HZ
20
dB
CLASSIFICATION OF hFE
Rank
K
P
Q
R
Range
90-180
135-270
200-400
300-600
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
2011.08. 23
1/2
SEMICONDUCTOR
TEC HNI CA L D ATA
FTA733C
Revision No : A
FEATURE
Excellent hFE linearity
Low noise
Complementary to FTC945C


Similar Part No. - FTA733C

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA733 FS-FTA733 Datasheet
314Kb / 2P
PNP TRANSISTOR
FTA733B FS-FTA733B Datasheet
355Kb / 2P
PNP TRANSISTOR
More results

Similar Description - FTA733C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com