Electronic Components Datasheet Search
  English  ▼

X  

FTA1015 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1015
Description  PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1015 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1015 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1015 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
TO-92 PNP Transistor
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
s
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VCBO
V
0
5
-
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
Collector-Emitter Voltage
-50
V
VEBO
V
5
-
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
Collector Current -Continuous
-150
mA
PD
Collector Power Dissipation
600
mW
Tj
5
2
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
5
2
1
-
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= -100
μA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -0. 1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100
μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -50V,IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE= -50V, IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
μA
DC current gain
hFE
VCE= -6V, IC= -2mA
70
400
Collector-emitter saturation voltage
VCE(sat)
IC= -100mA, IB= -10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC= -100mA, IB= -10mA
-1.1
V
Transition frequency
fT
VCE= -10 V, IC= -1mA
f =30MHz
80
MHz
Collector Output Capacitance
Cob
VCB=-10V,IE=0,f=1MHZ
7
pF
Noise Figure
NF
VCE= -6 V, IC= -0.1mA,
f =1KHz,RG=10K
6
dB
CLASSIFICATION
OF
hFE
Rank
R
G
Y
O
Range
0
0
4
-
0
0
2
0
4
2
-
0
2
1
0
4
1
-
0
7
SEMICONDUCTOR
TECHNICAL DATA
FTA1015
2009. 11. 18
1/2
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - FTA1015

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1012D FS-FTA1012D Datasheet
270Kb / 3P
TRANSISTOR (PNP)
More results

Similar Description - FTA1015

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com