Electronic Components Datasheet Search
  English  ▼

X  

FTA1023 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA1023
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1023 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA1023 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1023 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013. 9. 07
2/2
Revision No : 0
FTA1023
0
0
AMBIENT TEMPERATURE Ta (℃)
Pc - Ta
0
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
10
-10
-3
COLLECTOR CURRENT I
(mA)
C
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
-3
-10
-100
-30
-0.01
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
CE
I - V
C
CE
-2
-4
-6
-8
-10
-12
-200
-400
-600
-800
-1k
COMMON EMITTER
Ta=25℃
-15
-10
-7
-5
-4
-3
-2
I
=-1mA
0
B
COLLECTOR-EMITTER VOLTAGE V
(V)
-3
-10
-10
-30
CE
AREA OF SAFE OPERATION
FE
C
-30
-100
-300
-1k
30
50
100
300
500
1k
COMMON EMITTER
V
=-5V
CE
Ta=100 C
Ta=25 C
Ta=-25 C
CE(sat)
C
-300
-1k
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
COMMON EMITTER
I
/I
=10
C
B
Ta=1
00℃
Ta=25℃
Ta=-25℃
-0.2
-0.4
-0.6
-0.8
-1.0
-200
-400
-600
-800
-1k
COMMON EMITTER
V
=-5V
CE
20
40
60
80
100
120
140
160
0.5
1.0
1.5
2.0
-100
-300
-30
-50
-100
-300
-500
-1k
-3k
-5k
SINGLE NONREPETITIVE
PULSE Tc=25℃
*
I
MAX(PULSED)
C
*
I
MAX
C
(CONTINUOUS)
*
*
*
DC
O
PE
RA
TIO
N
Tc
=25
C
DERATE LINEARLY FOR
Tc ABOVE 25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com