Electronic Components Datasheet Search
  English  ▼

X  

FTA1036K Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1036K
Description  Medium Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1036K Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1036K Datasheet HTML 1Page - First Silicon Co., Ltd FTA1036K Datasheet HTML 2Page - First Silicon Co., Ltd FTA1036K Datasheet HTML 3Page - First Silicon Co., Ltd FTA1036K Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
( 32V,
0.5A)
Absolute maximum ratings (Ta = 25
˚C )
DEVICE MARKING
1) FTA1036K-P = HP
2) FTA1036K-Q = HQ
3) FTA1036K-R = HR
1
2
3
PNP
1
2
3
SOT-23
Features
1) Large IC.
I CMax =
500mA
2) Low VCE(sat) . Ideal for low-voltage
operation.
3)
Structure
Epitaxial planar type
PNP silicon transistor
ORDERING INFORMATION
Device
Package
Shipping
FTA1036K*LT1G
3000/Tape &
Reel
SOT-23
We declare that the material of product
compliance with RoHS requirements.
Medium Power Transistor
Parameter
Collector- base voltage
Collector- emitter voltage
Emitter
-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
-40
-32
-5
-0.5
0.2
150
-55 ~ +150
Unit
V
V
V
A
W
˚C
˚C
*
2009. 11. 06
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTA1036K
Revision No : 1
* PC MAX , must not be exceeded.


Similar Part No. - FTA1036K

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1037AK FS-FTA1037AK Datasheet
148Kb / 4P
General Purpose Transistors
FTA1038S FS-FTA1038S Datasheet
91Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - FTA1036K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com