Electronic Components Datasheet Search
  English  ▼

X  

FTA1042D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA1042D
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1042D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA1042D Datasheet HTML 1Page - First Silicon Co., Ltd FTA1042D Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012.08. 28
2/2
FTA1042D
Revision No : 0
-0.1
-1
-10
10
100
1000
-1E-4
-1E-3
-0.01
-0.1
-1
10
100
1000
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-1E-4
-1E-3
-0.01
-0.1
-1
-0.1
-1
-1E-4
-1E-3
-0.01
-0.1
-1
-10
-100
-1000
-0
-2
-4
-6
-8
-10
-12
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.0
-0.5
-1.0
-1.5
-2.0
-1E-4
-1E-3
-0.01
-0.1
-1
-20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
Typical Characteristics
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
COMMON EMITTER
V
CE= -5V
-5
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(A)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
-5
COLLECTOR CURRENT I
C
(A)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat ——
-2
-5
T
a=25
℃
T
a=100
℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(A)
COMMON
EMITTER
T
a=25
℃
-10mA
-9mA
-8mA
-7mA
-6mA
-5mA
-4mA
-3mA
-2mA
I
B=-1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
COMMON EMITTER
V
CE=-5V
-5
T
a=25
℃
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
I
C ——
V
BE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com