Electronic Components Datasheet Search
  English  ▼

X  

FTA1220 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1220
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1220 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1220 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1220 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 01. 16
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTA1220/A
Revision No : 0
FTA1220/1220A TRANSISTOR (PNP)
FEATURES
· Audio frequency power amplifier
· High frequency power amplifier
· Complement to FTC2690/FTC2690A
MAXIMUM RATINGS (TA=25
unless otherwise noted)
s
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Collector-Base Voltage
FTA1220
-120
V
VCBO
FTA1220A
-160
V
Collector-Emitter Voltage
FTA1220
-120
V
VCEO
FTA1220A
-160
V
VEBO
V
5
-
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
2
.
1
-
)
C
D
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
ICP
Collector Current ( PW
≤10ms,Duty Cycle ≤
A
5
.
2
-
)
%
2
IB
A
3
.
0
-
t
n
e
r
r
u
C
e
s
a
B
Collector Power Dissipation (Ta = 25℃ )
1.25
W
PC
Collector Power Dissipation (Tc = 25℃ )
20
W
TJ
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
-
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Tamb=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector cut-off current
ICBO
VCB=-120V, IE
1
-
0
=
μA
Emitter cut-off current
IEBO
VEB=-3 V, IC
1
-
0
=
μA
hFE(1)
VCE=-5V, IC=-5mA
35
DC current gain
hFE(2)
VCE=-5V, IC=-300mA
60
320
Collector-emitter saturation voltage
VCE(sat)
IC=-1 A, IB=-200mA
(1)
-0.4
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-1 A, IB=-200mA
(1)
-1
-1.3
V
Transition frequency
fT
VCE=-5V, IC=-200mA
175
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
26
pF
(1) Pulse Test : PW≤350us , Duty Cycle ≤ 2 %
CLASSIFICATION OF
hFE(2)
R
k
n
a
R
Y
O
Range
0
2
3
-
0
6
1
0
0
2
-
0
0
1
0
2
1
-
0
6
1 EMITTER
2 COLLECTOR
3 BASE
TO-126
A
B
DIM
MILLIMETERS
8.3 MAX
A
B
11 3±0.3
C
C
.15 TYP
D
D
3.2±0.2
E
E
2.0±0.2
F
F
2.8±0.1
G
3.2±0.1
G
H
H
1.27±0.1
I
I
1. 0±0.1
K
K
15.5±0.2
L
L
0.76±0.1
M
M
2.28 TYP
O
P
O
4.56±0.1
P
0.6 MAX
1
2
3


Similar Part No. - FTA1220

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
Power Amplifier Applications Driver Stage Amplifier Applications
More results

Similar Description - FTA1220

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com