Electronic Components Datasheet Search
  English  ▼

X  

FTA1225 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1225
Description  Power Amplifier Applications Driver Stage Amplifier Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1225 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1225 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1225 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2011. 12. 26
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTA1225
Revision No : 0
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 BASE
2 COLLECTOR
3 EMITTER
0 95 MAX
Q
c
m
f r
High transition frequency: fT = 100 MHz (typ.)
Complementary to FTC2983
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
CLASSIFICATION OF hFE
Y
O
K
N
A
R
RANGE
0
4
2
-
0
2
1
0
4
1
-
0
7
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-160
V
VCEO
Collector-Emitter Voltage
-160
V
VEBO
V
5
-
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
5
.
1
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
Collector Power Dissipation
1
W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
Storage Temperature
-55~150
℃
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA ,IE=0
-160
V
Collector-emitter breakdown voltage
V (BR)CEO
*
IC=-10mA, IB=0
-160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=160V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-5V, IC=-0.1A
70
240
Collector-emitter saturation voltage
VCE(sat)
IC=-0.5A,IB=-50mA
-1.5
V
Base-emitter voltage
VBE
VCE=-5V, IC=-0.5A
-1
V
Transition frequency
fT
VCE=-10V ,IC=-100mA
100
MHz
Collector output capacitance
Cob
VCB=-10V ,IE=0,f=1MHz
30
pF
* Pulse test


Similar Part No. - FTA1225

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1220 FS-FTA1220 Datasheet
248Kb / 2P
TRANSISTOR (PNP)
FTA1220A FS-FTA1220A Datasheet
248Kb / 2P
TRANSISTOR (PNP)
More results

Similar Description - FTA1225

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_07 Datasheet
124Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1930 TOSHIBA-2SA1930 Datasheet
119Kb / 5P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_10 Datasheet
150Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1837M TOSHIBA-2SA1837M Datasheet
122Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA2182 TOSHIBA-2SA2182 Datasheet
171Kb / 5P
Power Amplifier Applications Driver Stage Amplifier Applications
2006-11-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com